Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL55142IVZ Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce ISL55142IVZ
Description  High-Speed 18V CMOS Comparators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55142IVZ Fiches technique(HTML) 5 Page - Intersil Corporation

  ISL55142IVZ Datasheet HTML 1Page - Intersil Corporation ISL55142IVZ Datasheet HTML 2Page - Intersil Corporation ISL55142IVZ Datasheet HTML 3Page - Intersil Corporation ISL55142IVZ Datasheet HTML 4Page - Intersil Corporation ISL55142IVZ Datasheet HTML 5Page - Intersil Corporation ISL55142IVZ Datasheet HTML 6Page - Intersil Corporation ISL55142IVZ Datasheet HTML 7Page - Intersil Corporation ISL55142IVZ Datasheet HTML 8Page - Intersil Corporation ISL55142IVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FN6230.4
August 13, 2015
Input Capacitance (Note 11)
CIN
2.5
pF
DIGITAL OUTPUTS QAX, QBX
Output Resistance
RoutR
18
27
37
Output Logic High Voltage
VOH
VOH = 5V, ISOURCE = 1mA
4.9
4.95
5.0
V
Output Logic Low Voltage
VOL
VOL = 0V, ISINK = 1mA
0.00
0.05
0.1
V
POWER SUPPLIES, STATIC CONDITIONS
Positive Supply DC Current/Comparator
ICC
No input data
+8.25
12.5
mA
Negative Supply Current/Comparator
IEE
No input data
-12.5
-8.25
mA
Total Power Dissipation/Comparator
P (Note 12) Input data at 40MHz
670
mW
NOTES:
9. Lab characterization, room temperature, timing parameters matched stimulus/loads, channel-to-channel skew < 500ps, 1ns maximum by design
10. Note about ICC measurement input can approach 140mA (single comparator) at maximum pattern rates
11. Limits should be considered typical and are not production tested.
12. Total Power dissipation per comparator can be approximately calculated from the following:
P = (VCC-VEE)*8.25mW + 90pF*(VCC-VEE)^2*f + CL*(VCC-VEE)^2*f, where f is the operating frequency and CL is the load capacitance.
Because the ISL55142 has two comparators, the power dissipation would be twice of P calculated from this equation. The ISL55143 would be
four times P.
13. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Test Circuits and Waveforms
FIGURE 2. COMPARATOR PROPAGATION DELAY AND TRANSITION TIME MEASUREMENT POINTS
FIGURE 3. THREE-STATE WINDOW COMPARATOR FUNDAMENTALS
Electrical Specifications
Test Conditions: VCC = 12V, VEE = -3V, VOH = 5V, VOL = 0V, PD = VEE, CLOAD = 15pF, TA = 25°C, unless
otherwise specified. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 13)
TYP
MAX
(Note 13)
UNITS
QAX, QBX
400mV
0V
tPDLH
VOH (VH)
VOL (VL)
50%
50%
tPDHL
VINPX
tR
tF
DATA = 1
DATA = 0
+
-
+
-
VINP
QA
QB
CVA 2.4V
CVB 0.4V
VCC
VEE
Although there is no electrical difference between the CVA
and CVB Inputs, if one defines CVA as being the high
threshold and CVB being the low threshold, it becomes
easier to understand the utilization of a dual threshold
comparator. Essentially this enables the qualification of an
incoming signal into three states. In Figure 3, the three
states are Valid Low <0.4V, No-man’s-land (between 0.4
and 2.4V), Valid High >2.4V. Table 2 shows how the QA/QB
truth table would be utilized in the real world.
TABLE 2. QA/QB TRUTH TABLE
VINP
QA
QB
COMMENT
<0.4V
0
0
Valid 0
>0.4 and <2.4V
0
1
Invalid
>2.4V
1
1
Valid 1
ISL55141, ISL55142, ISL55143


Numéro de pièce similaire - ISL55142IVZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL55142IVZ INTERSIL-ISL55142IVZ Datasheet
370Kb / 14P
   High-Speed 18V CMOS Comparators
ISL55142IVZ INTERSIL-ISL55142IVZ Datasheet
486Kb / 14P
   High-Speed 18V CMOS Comparators
logo
Renesas Technology Corp
ISL55142IVZ RENESAS-ISL55142IVZ Datasheet
722Kb / 14P
   High-Speed 18V CMOS Comparators
More results

Description similaire - ISL55142IVZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141_11 Datasheet
486Kb / 14P
   High-Speed 18V CMOS Comparators
ISL55141_0607 INTERSIL-ISL55141_0607 Datasheet
370Kb / 14P
   High-Speed 18V CMOS Comparators
logo
Renesas Technology Corp
ISL55141 RENESAS-ISL55141 Datasheet
722Kb / 14P
   High-Speed 18V CMOS Comparators
logo
National Semiconductor ...
LM161 NSC-LM161 Datasheet
271Kb / 10P
   High Speed Differential Comparators
logo
STMicroelectronics
LM119 STMICROELECTRONICS-LM119_08 Datasheet
589Kb / 12P
   High speed dual comparators
LM119-LM219 STMICROELECTRONICS-LM119-LM219 Datasheet
122Kb / 9P
   HIGH SPEED DUAL COMPARATORS
LM119 STMICROELECTRONICS-LM119_02 Datasheet
182Kb / 9P
   HIGH SPEED DUAL COMPARATORS
logo
Texas Instruments
LM161 TI1-LM161_15 Datasheet
988Kb / 16P
[Old version datasheet]   High Speed Differential Comparators
logo
NEC
UPC319 NEC-UPC319 Datasheet
331Kb / 10P
   HIGH SPEED DUAL COMPARATORS
logo
Elantec Semiconductor
EL5485C ELANTEC-EL5485C Datasheet
119Kb / 12P
   Quad 4ns High Speed Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com