Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54406IRTZ Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ISL54406IRTZ
Description  Stereo Click and Pop Eliminator with Audio Muting
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54406IRTZ Fiches technique(HTML) 2 Page - Intersil Corporation

  ISL54406IRTZ Datasheet HTML 1Page - Intersil Corporation ISL54406IRTZ Datasheet HTML 2Page - Intersil Corporation ISL54406IRTZ Datasheet HTML 3Page - Intersil Corporation ISL54406IRTZ Datasheet HTML 4Page - Intersil Corporation ISL54406IRTZ Datasheet HTML 5Page - Intersil Corporation ISL54406IRTZ Datasheet HTML 6Page - Intersil Corporation ISL54406IRTZ Datasheet HTML 7Page - Intersil Corporation ISL54406IRTZ Datasheet HTML 8Page - Intersil Corporation ISL54406IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ISL54406
2
FN6578.1
July 14, 2010
Pin Configurations (Note 1)
ISL54406
(
10 Ld 3x3 TDFN)
TOP VIEW
ISL54406
(
10 Ld 1.8x1.4 µTQFN)
TOP VIEW
NOTE:
1. ISL54406 Switches Shown for SEL1 = Logic “1” and SEL2 = Logic “1”.
1
3
4
N.C.
LOUT
LIN
SEL2
SEL1
2
10
5
N.C.
ROUT
RIN
GND
VDD
9
7
6
8
LOGIC
CONTROL
CLICK
AND
POP
RSHUNT
LSHUNT
PD
9
10
6
7
8
4
3
5
2
1
VDD
SEL2
LOUT
ROUT
N.C.
LIN
N.C.
RIN
GND
SEL1
LOGIC
CONTROL
CLICK
AND
POP
LSHUNT
RSHUNT
Truth Table
ISL54406
SEL2
SEL1
LIN/
RIN
LSHUNT/
RSHUNT
CLICK
AND POP
MODE
00
OFF
OFF
Inactive
Shutdow
n
0
1
OFF
ON
Active
Click and
Pop
10
OFF
ON
Inactive
Mute
1
1
ON
OFF
Inactive
Audio
SEL1 and SEL2: Logic “0” when ≤ 0.5V, Logic “1” when ≥
1.4V
Pin Descriptions
ISL54406
TDFN
µTQFN
NAME
FUNCTION
110
VDD
Power Supply
2
1
SEL2
Logic Control 2
3
2
LOUT
Audio Left Output
4
3
ROUT
Audio Right Output
5
4
GND
IC Ground Connection
6
5
RIN
Audio Right Input
7
6
LIN
Audio Left Input
8, 9
7, 8
N.C.
No Connection
10
9
SEL1
Logic Control 1
PD
-
PD
Thermal Pad. Tie to
Ground or Float


Numéro de pièce similaire - ISL54406IRTZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54406IRTZ INTERSIL-ISL54406IRTZ Datasheet
763Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
logo
Renesas Technology Corp
ISL54406IRTZ RENESAS-ISL54406IRTZ Datasheet
946Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
logo
Intersil Corporation
ISL54406IRTZ-T INTERSIL-ISL54406IRTZ-T Datasheet
763Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
logo
Renesas Technology Corp
ISL54406IRTZ-T RENESAS-ISL54406IRTZ-T Datasheet
946Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
More results

Description similaire - ISL54406IRTZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54406 INTERSIL-ISL54406 Datasheet
763Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
logo
Renesas Technology Corp
ISL54406 RENESAS-ISL54406 Datasheet
946Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
logo
Maxim Integrated Produc...
MAX9892 MAXIM-MAX9892 Datasheet
202Kb / 9P
   Shunt Mode Audio Click-and-Pop Eliminator
Rev 0; 10/08
logo
Anpec Electronics Corop...
APA2192 ANPEC-APA2192 Datasheet
246Kb / 14P
   Shut Mode Audio Click-and-Pop Eliminator
logo
Maxim Integrated Produc...
MAX9892 MAXIM-MAX9892_V01 Datasheet
812Kb / 7P
   Shunt Mode Audio Click-and-Pop Eliminator
19-4295; Rev 1; 12/16
MAX9890 MAXIM-MAX9890 Datasheet
368Kb / 12P
   Audio Click-Pop Suppressor
Rev 0; 8/03
MAX9890 MAXIM-MAX9890_V01 Datasheet
1Mb / 12P
   Audio Click-Pop Suppressor
19-2932; Rev 4; 5/17
logo
Will Semiconductor Ltd.
WSP6582C WILLSEMI-WSP6582C Datasheet
814Kb / 9P
   SwitchPro Family High Fidelity Stereo SPDT Switch with Pop and Click Suppression
logo
Intersil Corporation
ISL54409IRTZ-T INTERSIL-ISL54409IRTZ-T Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
ISL54409 INTERSIL-ISL54409 Datasheet
387Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com