Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54405IRUZ-T Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce ISL54405IRUZ-T
Description  CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54405IRUZ-T Fiches technique(HTML) 6 Page - Intersil Corporation

Back Button ISL54405IRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54405IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54405IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54405IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54405IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54405IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54405IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54405IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54405IRUZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ISL54405
6
Submit Document Feedback
FN6699.2
May 6, 2014
Input Voltage High, VSELH,
VMUTEH
3.3,
5
Full
1.4
-
-
V
Input Current, ISELH, ISELL VDD = 3.6V, VMUTE = 0V, VSEL = 0V or VDD
3.6
Full
-0.5
0.01
0.5
µA
Input Current, IAC/DCL,
IDIR_SELL
VDD = 3.6V, VAC/DC, VDIR_SEL = 0V, VMUTE =Float,
VSEL = VDD
3.6
Full
-1.3
-0.7
0.3
µA
Input Current, IAC/DCH,
IDIR_SELH
VDD = 3.6V, VAC/DC, VDIR_SEL = VDD, VMUTE =0V,
VSEL = 0V
3.6
Full
-0.5
0.01
0.5
µA
Input Current, IMUTEL
VDD = 3.6V, VSEL = VDD, VMUTE = 0V
3.6
Full
-1.3
-0.7
0.3
µA
Input Current, IMUTEH
VDD = 3.6V, VSEL = 0V, VMUTE = VDD
3.6
Full
-0.5
0.01
0.5
µA
NOTES:
10. VIN = input voltage to perform proper function.
11. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
12. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
13. Flatness is defined as the difference between maximum and minimum value of ON-resistance at the specified analog signal voltage points.
14. Limits established by characterization and are not production tested.
15. rON matching between channels is calculated by subtracting the channel with the highest max rON value from the channel with lowest max rON value.
16. Crosstalk is inversely proportional to source impedance.
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the opposite logic
sense.
FIGURE 2A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 2B. TEST CIRCUIT
FIGURE 2. SWITCHING TIMES
Electrical Specifications 3.3V Supply: VDD = +3.0V to +3.6V, GND = 0V, VDIR_SEL = VAC/DC = GND, V5V_SUPPLY = Float,
VSIGNAL =2VRMS, RLOAD = 20kΩ , f = 1kHz, VSELH = VMUTEH = 1.4V, VSELL = VMUTEL = 0.5V, CAP_SS = 0.1µF, (Note 10), Unless otherwise specified.
PARAMETER
TEST CONDITIONS
SUPPLY
(V)
TEMP
(°C)
MIN
(Notes 11, 12)TYP
MAX
(Notes 11, 12)UNITS
50%
tr < 20ns
tf < 20ns
tOFF
90%
VDD
0V
VLx OR VRx
0V
tON
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
VOUT
V
OUT
V
(Lx or Rx)
R
L
R
L
r
ON
+
------------------------
=
SWITCH
INPUT
LOGIC
INPUT
VOUT
RL
CL
L or R
Lx OR Rx
SEL
GND
VDD
C
MUTE


Numéro de pièce similaire - ISL54405IRUZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54405IRUZ-T INTERSIL-ISL54405IRUZ-T Datasheet
962Kb / 19P
   CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
logo
Renesas Technology Corp
ISL54405IRUZ-T RENESAS-ISL54405IRUZ-T Datasheet
1Mb / 20P
   CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
More results

Description similaire - ISL54405IRUZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54405 RENESAS-ISL54405 Datasheet
1Mb / 20P
   CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
logo
Intersil Corporation
ISL54405 INTERSIL-ISL54405 Datasheet
962Kb / 19P
   CD/MP3 Quality Stereo 2:1 Multiplexer with Click and Pop Elimination
ISL54406 INTERSIL-ISL54406 Datasheet
763Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
ISL54406IRUZ-T INTERSIL-ISL54406IRUZ-T Datasheet
764Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
July 14, 2010
logo
Renesas Technology Corp
ISL54406 RENESAS-ISL54406 Datasheet
946Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
logo
Intersil Corporation
ISL54062IRTZ INTERSIL-ISL54062IRTZ Datasheet
754Kb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
November 3, 2009
ISL54210IRTZ INTERSIL-ISL54210IRTZ Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
March 18, 2010
ISL54211IRUZ-T INTERSIL-ISL54211IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
ISL54063IRTZ INTERSIL-ISL54063IRTZ Datasheet
412Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
November 3, 2009
ISL54210 INTERSIL-ISL54210 Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com