Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N3893R Fiches technique(PDF) 1 Page - GeneSiC Semiconductor, Inc.

No de pièce 1N3893R
Description  High Surge Capability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENESIC [GeneSiC Semiconductor, Inc.]
Site Internet  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

1N3893R Fiches technique(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  1N3893R Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. 1N3893R Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. 1N3893R Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 50 V - 400 V
IF = 12 A
Features
• High Surge Capability
DO-4 Package
• Types up to 400 V VRRM
• Not ESD Sensitive
Note:
1. Standard polarity: Stud is cathode.
3. Stud is base.
Parameter
Symbol
1N3889 (R) 1N3890 (R) 1N3891 (R) 1N3892 (R)
Unit
Repetitive peak reverse
voltage
VRRM
50
100
200
300
V
RMS reverse voltage
VRMS
35
70
140
280
V
420
1N3889 thru 1N3893R
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
Conditions
Silicon Fast
Recovery Diode
2. Reverse polarity (R): Stud is anode.
1N3893 (R)
400
DC blocking voltage
VDC
50
100
200
400
V
Continuous forward current
IF
12
12
12
12
A
Operating temperature
Tj
-55 to 150
-55 to 150
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
-55 to 150
-55 to 150
°C
Parameter
Symbol
1N3889 (R) 1N3890 (R) 1N3891 (R) 1N3892 (R)
Unit
Diode forward voltage
1.4
1.4
1.4
1.4
25
25
25
25
μA
66
6
6
mA
Recovery Time
Maximum reverse recovery
time
TRR
200
200
200
200
nS
Thermal characteristics
Thermal resistance, junction
- case
RthJC
2.0
2.0
2.0
2.0
°C/W
1N3893 (R)
2.0
12
600
90
25
IF=0.5 A, IR=1.0 A,
IRR= 0.25 A
VR = 50 V, Tj = 150 °C
V
6
200
VR = 50 V, Tj = 25 °C
IF = 12 A, Tj = 25 °C
TC ≤ 100 °C
Conditions
90
90
TC = 25 °C, tp = 8.3 ms
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Surge non-repetitive forward
current, Half Sine Wave
A
Reverse current
IR
VF
1.4
-55 to 150
-55 to 150
IF,SM
90
90
www.genesicsemi.com/silicon-products/fast-recovery-rectifiers/
1


Numéro de pièce similaire - 1N3893R

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
1N3893R MICROSEMI-1N3893R Datasheet
111Kb / 2P
   Fast Recovery Rectifier
logo
International Rectifier
1N3893R IRF-1N3893R Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
1N3893R MICROSEMI-1N3893R Datasheet
88Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
1N3893R ETC2-1N3893R Datasheet
451Kb / 2P
   Silicon Fast Recovery Diode
logo
America Semiconductor, ...
1N3893R AMERICASEMI-1N3893R Datasheet
428Kb / 2P
   High Power- Fast Recovery Rectifiers
More results

Description similaire - 1N3893R

FabricantNo de pièceFiches techniqueDescription
logo
GeneSiC Semiconductor, ...
MBR20020CT GENESIC-MBR20020CT Datasheet
450Kb / 3P
   High Surge Capability
MSRT100120A GENESIC-MSRT100120A Datasheet
415Kb / 3P
   High Surge Capability
1N1206AR GENESIC-1N1206AR Datasheet
741Kb / 3P
   High Surge Capability
MBR200100CTS GENESIC-MBR200100CTS Datasheet
384Kb / 3P
   High Surge Capability
1N1190R GENESIC-1N1190R Datasheet
705Kb / 3P
   High Surge Capability
1N3294AR GENESIC-1N3294AR Datasheet
485Kb / 3P
   High Surge Capability
1N4593R GENESIC-1N4593R Datasheet
722Kb / 3P
   High Surge Capability
1N6098R GENESIC-1N6098R Datasheet
355Kb / 3P
   High Surge Capability
FR12MR05 GENESIC-FR12MR05 Datasheet
728Kb / 3P
   High Surge Capability
FR16JR05 GENESIC-FR16JR05 Datasheet
747Kb / 3P
   High Surge Capability
FR16MR05 GENESIC-FR16MR05 Datasheet
746Kb / 3P
   High Surge Capability
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com