Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54100ACQZ Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce ISL54100ACQZ
Description  TMDS Regenerators with Multiplexers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54100ACQZ Fiches technique(HTML) 3 Page - Intersil Corporation

  ISL54100ACQZ Datasheet HTML 1Page - Intersil Corporation ISL54100ACQZ Datasheet HTML 2Page - Intersil Corporation ISL54100ACQZ Datasheet HTML 3Page - Intersil Corporation ISL54100ACQZ Datasheet HTML 4Page - Intersil Corporation ISL54100ACQZ Datasheet HTML 5Page - Intersil Corporation ISL54100ACQZ Datasheet HTML 6Page - Intersil Corporation ISL54100ACQZ Datasheet HTML 7Page - Intersil Corporation ISL54100ACQZ Datasheet HTML 8Page - Intersil Corporation ISL54100ACQZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
FN6725.0
June 17, 2008
Absolute Maximum Ratings
Thermal Information
Voltage on VD (referenced to GND). . . . . . . . . . . . . . . . . . . . . . 4.0V
Voltage on any Input Pin (referenced to GND) . . . -0.3V to VD+0.3V
Voltage on any “5V Tolerant” Input Pin
(referenced to GND). . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.0V
Current into any Output Pin . . . . . . . . . . . . . . . . . . . . . . . . . . ±20mA
ESD Classification
Human Body Model . . . >4000V, higher voltage testing in progress
Machine Model . . . . . . . . >200V, higher voltage testing in progress
Thermal Resistance (Typical, Note 1)
θ
JA (°C/W)
MQFP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
Maximum Biased Junction Temperature . . . . . . . . . . . . . . . . +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VD = 3.3V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
1.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Specifications apply for VD = 3.3V, pixel rate = 165MHz, TA = +25°C, RES_TERM = 1kΩ, RES_BIAS = 3.16kΩ,
TMDS output load = 50
Ω, TMDS output termination voltage V
TERM = 3.0V unless otherwise noted.
SYMBOL
PARAMETER
COMMENT
MIN
(Note 2)
TYP
MAX
(Note 2)
UNIT
FULL CHANNEL CHARACTERISTICS
fDATA_MAX
Maximum Rx Clock Frequency/Pixel Rate
(Note 3)
165
225
MHz
fDATA_MIN
Minimum Rx Clock Frequency/Pixel Rate
25
MHz
TMDS RECEIVER CHARACTERISTICS
VSENS
Minimum Differential Input Sensitivity
50
150
mVP-P
R50
50
Ω Termination Resistance
45
50
55
Ω
R100
100
Ω Termination Resistance
90
97
110
Ω
CLKDUTY
Rx Clock Duty Cycle
20
80
%
TMDS TRANSMITTER CHARACTERISTICS
jTX_CLOCK
Total Jitter on Clock Outputs
Independent of incoming jitter
32
ps
jTX_DATA
Total Jitter on Data Outputs
Independent of incoming jitter
52
ps
SKEWINTRA Intra-Pair (+ to -) Differential Skew
±4
ps
SKEWINTER Inter-Pair (channel-to-channel) Skew
Added with respect to incoming
inter-pair skew
2UI
tRISE
Rise Time into 50
Ω Load to 3.3V
20% to 80%
80
240
ps
tFALL
Fall Time into 50
Ω Load to 3.3V
20% to 80%
80
240
ps
TX VOH
Single-Ended High Level Output Voltage
VTERM - 10
VTERM + 10
mV
TX VOL
Single-Ended Low Level Output Voltage
VTERM - 600
VTERM - 400
mV
DIGITAL SCHMITT INPUT CHARACTERISTICS
VIH
High Threshold Voltage
2.0
V
VIL
High to Low Threshold Voltage
0.8
V
I
Input Leakage Current
±10
nA
RPU
Internal Pull-Up Resistance
SDA and SCL pins
65
k
Ω
RPD
Internal Pull-Down Resistance
AUTO_CH_SEL, CH_SEL_x,
RESET, ADDRx, PD pins
60
k
Ω
CIN
Input Capacitance
5pF
ISL54100A, ISL54101A, ISL54102A
ISL54100A, ISL54101A, ISL54102A


Numéro de pièce similaire - ISL54100ACQZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54100ACQZ INTERSIL-ISL54100ACQZ Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
logo
Renesas Technology Corp
ISL54100ACQZ RENESAS-ISL54100ACQZ Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
More results

Description similaire - ISL54100ACQZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54100 RENESAS-ISL54100 Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
logo
Intersil Corporation
ISL54100 INTERSIL-ISL54100 Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
ISL54100CQZ INTERSIL-ISL54100CQZ Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
June 4, 2008
ISL54100A INTERSIL-ISL54100A Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
logo
Renesas Technology Corp
ISL54100A RENESAS-ISL54100A Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
logo
Intersil Corporation
ISL54105A INTERSIL-ISL54105A Datasheet
1Mb / 16P
   TMDS Regenerator
logo
List of Unclassifed Man...
CS5823 ETC1-CS5823 Datasheet
41Kb / 1P
   TMDS Receiver
logo
Renesas Technology Corp
ISL54105A RENESAS-ISL54105A Datasheet
1Mb / 16P
   TMDS Regenerator
logo
Intersil Corporation
ISL54105ACRZ INTERSIL-ISL54105ACRZ Datasheet
1Mb / 16P
   TMDS Regenerator
June 4, 2008
ISL54105 INTERSIL-ISL54105 Datasheet
1Mb / 16P
   TMDS Regenerator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com