Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL51002CQZ-110 Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce ISL51002CQZ-110
Description  10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL51002CQZ-110 Fiches technique(HTML) 4 Page - Intersil Corporation

  ISL51002CQZ-110 Datasheet HTML 1Page - Intersil Corporation ISL51002CQZ-110 Datasheet HTML 2Page - Intersil Corporation ISL51002CQZ-110 Datasheet HTML 3Page - Intersil Corporation ISL51002CQZ-110 Datasheet HTML 4Page - Intersil Corporation ISL51002CQZ-110 Datasheet HTML 5Page - Intersil Corporation ISL51002CQZ-110 Datasheet HTML 6Page - Intersil Corporation ISL51002CQZ-110 Datasheet HTML 7Page - Intersil Corporation ISL51002CQZ-110 Datasheet HTML 8Page - Intersil Corporation ISL51002CQZ-110 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4
FN6164.3
February 29, 2012
Absolute Maximum Ratings
Thermal Information
3.3V Supply Voltage (VA3.3, VD3.3, VPLLA3.3) . . . . . . . . . . . . . 4.6V
1.8V Supply Voltage (VA1.8, VD1.8, VADCD1.8). . . . . . . . . . . . . 2.5V
Voltage on any Input Pin . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 6V
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±20mA
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . .3000V
Machine Model (Per EIAJ ED-4701 Method C-111) . . . . . . . .300V
Charged Device Model (Per EOS/ESD DS5.3, 4/14/93) . . .1000V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Supply Voltage Range . . . . . . . . . . . . . . . . . 3.3V ±10%, 1.8V ±10%
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
MQFP Package (Notes 3, 4) . . . . . . . .
30
16
Maximum Power Dissipation. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.2W
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
3.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
4. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Specifications apply for VA3.3 = VD3.3 = VPLLA3.3 = 3.3V, VA1.8 = VD1.8 = VPLLD1.8 = VADCD1.8 = 1.8V,
pixel rate = 110MHz for ISL51002-110, 150MHz for ISL51002-150, 165MHz for ISL51002-165, fXTAL = 25MHz,
and TA = +0°C to +70°C, unless otherwise specified. Boldface limits apply over the operating temperature
range, 0°C to +70°C.
SYMBOL
PARAMETER
TEST LEVEL or NOTES
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS
FULL CHANNEL CHARACTERISTICS
Conversion Rate
ISL51002-110
10
110
MHz
ISL51002-150
10
150
MHz
ISL51002-165
10
165
MHz
ADC Resolution
10
Bits
Missing Codes
Guaranteed monotonic
None
DNL
(Full-Channel)
Differential Non-Linearity
(Note 5)
ISL51002-110
-0.99
±0.5
+1.2
LSB
ISL51002-150
-0.99
±0.7
+1.3
LSB
ISL51002-165
-0.99
±0.8
+1.4
LSB
INL
(Full-Channel)
Integral Non-Linearity
(Note 5)
ISL51002-110
±1.9
±3.6
LSB
ISL51002-150
±2.0
±3.8
LSB
ISL51002-165
±2.6
±4.0
LSB
Gain Adjustment Range
±6
dB
Gain Adjustment Resolution
10
Bits
Gain Matching Between Channels Percent of full scale
±2
%
Full Channel Offset Error,
ABLC™ enabled
ADC LSBs, over time and temperature
±0.5
±3.0
LSB
Offset Adjustment Range
(ABLC™ enabled or disabled)
(see ABLC™ applications information section)
±50%
ADC
Fullscale
ISL51002


Numéro de pièce similaire - ISL51002CQZ-110

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL51002CQZ-110 INTERSIL-ISL51002CQZ-110 Datasheet
357Kb / 32P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
ISL51002CQZ-110 INTERSIL-ISL51002CQZ-110 Datasheet
359Kb / 32P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
logo
Renesas Technology Corp
ISL51002CQZ-110 RENESAS-ISL51002CQZ-110 Datasheet
1Mb / 33P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
More results

Description similaire - ISL51002CQZ-110

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL51002 INTERSIL-ISL51002 Datasheet
357Kb / 32P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
ISL51002 INTERSIL-ISL51002_07 Datasheet
359Kb / 32P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
logo
Renesas Technology Corp
ISL51002 RENESAS-ISL51002 Datasheet
1Mb / 33P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
ISL98003 RENESAS-ISL98003 Datasheet
1Mb / 31P
   8-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
logo
Intersil Corporation
ISL98003 INTERSIL-ISL98003 Datasheet
352Kb / 31P
   8-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
logo
Texas Instruments
LM96511 TI1-LM96511 Datasheet
6Mb / 66P
[Old version datasheet]   Ultrasound Receive Analog Front End (AFE)
logo
Fujitsu Component Limit...
MB86626 FUJITSU-MB86626 Datasheet
227Kb / 6P
   KeyWave AFE ADSL Analog Front End
logo
Renesas Technology Corp
M61047FP RENESAS-M61047FP Datasheet
305Kb / 24P
   Battery Protection Analog Front End (AFE) IC
logo
National Semiconductor ...
NS32FX210 NSC-NS32FX210 Datasheet
763Kb / 22P
   Facsimile/Data Modem Analog Front End (AFE)
logo
Renesas Technology Corp
M61048FP RENESAS-M61048FP Datasheet
304Kb / 24P
   Battery Protection Analog Front End (AFE) IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com