Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL45042IRZ Fiches technique(PDF) 9 Page - Intersil Corporation

No de pièce ISL45042IRZ
Description  LCD Module Calibrator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL45042IRZ Fiches technique(HTML) 9 Page - Intersil Corporation

  ISL45042IRZ Datasheet HTML 1Page - Intersil Corporation ISL45042IRZ Datasheet HTML 2Page - Intersil Corporation ISL45042IRZ Datasheet HTML 3Page - Intersil Corporation ISL45042IRZ Datasheet HTML 4Page - Intersil Corporation ISL45042IRZ Datasheet HTML 5Page - Intersil Corporation ISL45042IRZ Datasheet HTML 6Page - Intersil Corporation ISL45042IRZ Datasheet HTML 7Page - Intersil Corporation ISL45042IRZ Datasheet HTML 8Page - Intersil Corporation ISL45042IRZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
FN6072.9
April 13, 2011
ISL45042
Package Outline Drawing
L8.3x3A
8 LEAD THIN DUAL FLAT NO-LEAD PLASTIC PACKAGE
Rev 4, 2/10
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.20mm from the terminal tip.
Dimension applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to ASME Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
BOTTOM VIEW
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
C
0 . 2 REF
0 . 05 MAX.
0 . 02 NOM.
5
3.00
A
B
(4X)
0.15
6
PIN 1
INDEX AREA
PIN #1
6X 0.65
1.50 ±0.10
8
1
8X 0.30 ± 0.10
6
0.75 ±0.05
SEE DETAIL "X"
0.08
0.10
C
C
C
( 2.90 )
(1.50)
( 8 X 0.30)
( 8X 0.50)
( 2.30)
( 1.95)
2.30 ±0.10
0.10
8X 0.30 ±0.05
A
MC
B
4
2X 1.950
(6x 0.65)
INDEX AREA
PIN 1
Compliant to JEDEC MO-229 WEEC-2 except for the foot length.
7.


Numéro de pièce similaire - ISL45042IRZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL45042IRZ INTERSIL-ISL45042IRZ Datasheet
130Kb / 8P
   LCD Module Calibrator
ISL45042IRZ INTERSIL-ISL45042IRZ Datasheet
141Kb / 8P
   LCD Module Calibrator
ISL45042IRZ INTERSIL-ISL45042IRZ Datasheet
353Kb / 9P
   LCD Module Calibrator
ISL45042IRZ INTERSIL-ISL45042IRZ Datasheet
148Kb / 8P
   LCD Module Calibrator
logo
Renesas Technology Corp
ISL45042IRZ RENESAS-ISL45042IRZ Datasheet
517Kb / 9P
   LCD Module Calibrator
More results

Description similaire - ISL45042IRZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
   LCD Module Calibrator
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
   LCD Module Calibrator
logo
Renesas Technology Corp
ISL45042A RENESAS-ISL45042A Datasheet
442Kb / 8P
   LCD Module Calibrator
logo
Intersil Corporation
ISL45042A INTERSIL-ISL45042A Datasheet
148Kb / 8P
   LCD Module Calibrator
ISL45042 INTERSIL-ISL45042 Datasheet
148Kb / 8P
   LCD Module Calibrator
ISL45042 INTERSIL-ISL45042_11 Datasheet
353Kb / 9P
   LCD Module Calibrator
logo
Renesas Technology Corp
ISL45042 RENESAS-ISL45042 Datasheet
517Kb / 9P
   LCD Module Calibrator
logo
Intersil Corporation
ISL45042A INTERSIL-ISL45042A_07 Datasheet
141Kb / 8P
   LCD Module Calibrator
logo
STMicroelectronics
STVM100 STMICROELECTRONICS-STVM100 Datasheet
286Kb / 27P
   I2C LCD VCOM calibrator
logo
Intersil Corporation
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
278Kb / 8P
   TFT-LCD I2C Programmable VCOM Calibrator
October 30, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com