Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28117FBZ Fiches technique(PDF) 7 Page - Intersil Corporation

No de pièce ISL28117FBZ
Description  40V Precision Low Power Operational Amplifiers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28117FBZ Fiches technique(HTML) 7 Page - Intersil Corporation

Back Button ISL28117FBZ Datasheet HTML 3Page - Intersil Corporation ISL28117FBZ Datasheet HTML 4Page - Intersil Corporation ISL28117FBZ Datasheet HTML 5Page - Intersil Corporation ISL28117FBZ Datasheet HTML 6Page - Intersil Corporation ISL28117FBZ Datasheet HTML 7Page - Intersil Corporation ISL28117FBZ Datasheet HTML 8Page - Intersil Corporation ISL28117FBZ Datasheet HTML 9Page - Intersil Corporation ISL28117FBZ Datasheet HTML 10Page - Intersil Corporation ISL28117FBZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
ISL28117, ISL28217, ISL28417
7
November 30, 2012
FN6632.10
TCVOS
Input Offset Voltage Temperature
Coefficient; SOIC, TSSOP Package
ISL28x17 B Grade
-0.6
0.14
0.6
µV/°C
ISL28x17 C Grade
-0.9
0.14
0.9
µV/°C
ISL28417 B Grade
-0.75
0.2
0.75
µV/°C
ISL28417 C Grade
-0.9
0.3
0.9
µV/°C
Input Offset Voltage Temperature
Coefficient; MSOP Package
ISL28117 B Grade
-0.8
0.1
0.8
µV/°C
ISL28117 C Grade
-1
0.14
1
µV/°C
ISL28217 C Grade
-1
0.14
1
µV/°C
Input Offset Voltage Temperature
Coefficient; TDFN Package
ISL28117 B Grade
-0.9
0.1
0.9
µV/°C
ISL28217 B Grade
-0.7
0.1
0.7
µV/°C
ISL28x17 C Grade
-1
0.1
1
µV/°C
IB
Input Bias Current
-1
0.08
1
nA
-1.5
1.5
nA
TCIB
Input Bias Current Temperature
Coefficient
-5
1
5
pA/°C
IOS
Input Offset Current
-1.5
0.08
1.5
nA
-1.85
1.85
nA
TCIOS
Input Offset Current Temperature
Coefficient
-3
0.42
3
pA/°C
ISL28417 SOIC, TSSOP B and C Grade
-4.0
0.45
4.0
pA/°C
VCM
Input Voltage Range
Guaranteed by CMRR test
-13
13
V
CMRR
Common-Mode Rejection Ratio
VCM = -13V to +13V
120
145
dB
120
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.25V to ±20V
120
145
dB
120
dB
AVOL
Open-Loop Gain
VO = -13V to +13V, RL =10kΩ to ground
130
143
dB
VOH
Output Voltage High
RL = 10kΩ to ground
13.5
13.7
V
13.2
V
RL = 2kΩ to ground
13.3
13.55
V
13.1
V
VOL
Output Voltage Low
RL = 10kΩ to ground
-13.7
-13.5
V
-13.2
V
RL = 2kΩ to ground
-13.55
-13.3
V
-13.1
V
IS
Supply Current/Amplifier
0.44
0.53
mA
0.68
mA
ISC
Short-Circuit
43
mA
VSUPPLY
Supply Voltage Range
Guaranteed by PSRR
± 2.25
± 20
V
AC SPECIFICATIONS
GBWP
Gain Bandwidth Product
AV = 1k, RL = 2kΩ
1.5
MHz
enVp-p
Voltage Noise VP-P
0.1Hz to 10Hz
0.25
µVP-P
en
Voltage Noise Density
f = 10Hz
10
nV/
√Hz
en
Voltage Noise Density
f = 100Hz
8.2
nV/
√Hz
en
Voltage Noise Density
f = 1kHz
8
nV/
√Hz
en
Voltage Noise Density
f = 10kHz
8
nV/
√Hz
Electrical Specifications VS ± 15V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply over the operating
temperature range, -40°C to +125°C.
(Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT


Numéro de pièce similaire - ISL28117FBZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28117FBZ INTERSIL-ISL28117FBZ Datasheet
844Kb / 18P
   40V Precision Low Power Operational Amplifiers
ISL28117FBZ INTERSIL-ISL28117FBZ Datasheet
1Mb / 32P
   40V Precision Low Power Operational Amplifiers
ISL28117FBZ INTERSIL-ISL28117FBZ Datasheet
1Mb / 25P
   40V Precision Low Power Operational Amplifiers
ISL28117FBZ INTERSIL-ISL28117FBZ Datasheet
1Mb / 33P
   40V Precision Low Power Operational Amplifiers
ISL28117FBZ INTERSIL-ISL28117FBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
More results

Description similaire - ISL28117FBZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28117_1110 INTERSIL-ISL28117_1110 Datasheet
1Mb / 33P
   40V Precision Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28117 RENESAS-ISL28117 Datasheet
2Mb / 39P
   40V Precision Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28117 INTERSIL-ISL28117 Datasheet
844Kb / 18P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117_11 Datasheet
1Mb / 32P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117_10 Datasheet
1Mb / 25P
   40V Precision Low Power Operational Amplifiers
ISL28117FBBZ INTERSIL-ISL28117FBBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
ISL70417SEH INTERSIL-ISL70417SEH Datasheet
1Mb / 22P
   Rad Hard 40V Quad Precision Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL70417SEH RENESAS-ISL70417SEH Datasheet
1Mb / 22P
   Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
logo
Intersil Corporation
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com