Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL24021IRT065Z-T7A Fiches technique(PDF) 11 Page - Intersil Corporation

No de pièce ISL24021IRT065Z-T7A
Description  1A Rail-to-Rail Input-Output Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24021IRT065Z-T7A Fiches technique(HTML) 11 Page - Intersil Corporation

Back Button ISL24021IRT065Z-T7A Datasheet HTML 5Page - Intersil Corporation ISL24021IRT065Z-T7A Datasheet HTML 6Page - Intersil Corporation ISL24021IRT065Z-T7A Datasheet HTML 7Page - Intersil Corporation ISL24021IRT065Z-T7A Datasheet HTML 8Page - Intersil Corporation ISL24021IRT065Z-T7A Datasheet HTML 9Page - Intersil Corporation ISL24021IRT065Z-T7A Datasheet HTML 10Page - Intersil Corporation ISL24021IRT065Z-T7A Datasheet HTML 11Page - Intersil Corporation ISL24021IRT065Z-T7A Datasheet HTML 12Page - Intersil Corporation ISL24021IRT065Z-T7A Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ISL24021
11
FN6637.1
October 18, 2011
Printed Circuit Board Layout
As with any high-frequency device, good printed circuit board
layout is necessary for optimum performance. For the ISL24021
low impedance analog power and ground planes are
recommended, and trace lengths should be as short as possible.
The power supply pins must be well bypassed to reduce the risk
of oscillation. For optimal thermal and operating performance
the ISL24021 thermal pad should always be connected to the
lowest potential, VSS.
For normal single supply operation (the VSS pin is connected to
GND) a 4.7µF capacitor should be placed from VDD to GND, then
a parallel 0.1µF capacitor should be connected as close to the
amplifier as possible. For dual supply operation the same
bypassing techniques should be utilized by connecting capacitors
from each supply to GND.
FIGURE 28. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY (4-LAYER) TEST BOARD - TDFN
EXPOSED DIEPAD SOLDERED TO PCB PER JESD51-5
0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
150
AMBIENT TEMP (°C)
θJA = +50 (°C/W)
2.5W
TDFN8


Numéro de pièce similaire - ISL24021IRT065Z-T7A

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL24021IRT065Z-T7A RENESAS-ISL24021IRT065Z-T7A Datasheet
704Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
More results

Description similaire - ISL24021IRT065Z-T7A

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL24021 INTERSIL-ISL24021 Datasheet
333Kb / 12P
   1A Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
ISL24021 RENESAS-ISL24021 Datasheet
704Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
New Japan Radio
NJM8532 NJRC-NJM8532 Datasheet
303Kb / 10P
   Rail-to-Rail Input/Output Dual Operational Amplifier
logo
Intersil Corporation
EL5211T INTERSIL-EL5211T Datasheet
403Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com