Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SDB151L Fiches technique(PDF) 1 Page - Micro Commercial Components

No de pièce SDB151L
Description  1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SDB151L Fiches technique(HTML) 1 Page - Micro Commercial Components

  SDB151L Datasheet HTML 1Page - Micro Commercial Components SDB151L Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SDB151L
THRU
SDB158L
1.5 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
Features
Surface Mount Package
Low Profile Package
Moisture Resistant Epoxy Case
High Surge Current Capability
Maximum Ratings
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +150°C
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SDB151L
SDB151
50V
35V
50V
SDB152L
SDB152
100V
70V
100V
SDB153L
SDB153
200V
140V
200V
SDB154L
SDB154
400V
280V
400V
SDB155L
SDB155
500V
350V
500V
SDB156L
SDB156
600V
420V
600V
SDB157L
SDB157
800V
560V
800V
SDB158L
SDB158
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.5 A
TA = 40
°C
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.1V
IFM = 1.5A ;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
1.0mA
TA = 25
°C
TA = 100
°C
Typical Junction
Capacitance
CJ
25pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
SDB-1
Suggested Solder Pad
Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.316
.335
8.05
8.51
B
.245
.255
6.20
6.50
C
.040
.060
1.02
1.52
D
.360
.410
9.40
10.40
E
.086
.098
2.20
2.50
G
.004
.011
0.10
0.28
H
.195
.205
5.00
5.20
K
.038
.042
1.00
1.10
TYP
.047”
.060”
.205”
.344”
MCC
 omponents
21201 Itasca Street Chatsworth

 !"#
$%   !"#
B
C
D
A
E
G
H
K
Notch in Case
+
-
www.mccsemi.com
Version: 3
2003/01/08


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
W005M 1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 1  2  Micro Commercial Components
RB151 1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 1  2  Micro Commercial Components
MB4005 40 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 1  2  Micro Commercial Components
PB305 3 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 1  2  Micro Commercial Components
2W005 2 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 1  2  Micro Commercial Components
MB4005W 40 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 1  2  Micro Commercial Components
MB5005 50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 1  2  Micro Commercial Components
RS1001 10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 1  2  Micro Commercial Components
MB5005W 50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 1  2  Micro Commercial Components
RS401L Bridge Rectifier 50 to 1000 Volts 4 Amp Single Phase 1  2  Micro Commercial Components

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn