Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A4201_15 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce TPS7A4201_15
Description  TPS7A4201 28-V Input Voltage, 50-mA Voltage Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS7A4201_15 Fiches technique(HTML) 2 Page - Texas Instruments

  TPS7A4201_15_15 Datasheet HTML 1Page - Texas Instruments TPS7A4201_15_15 Datasheet HTML 2Page - Texas Instruments TPS7A4201_15_15 Datasheet HTML 3Page - Texas Instruments TPS7A4201_15_15 Datasheet HTML 4Page - Texas Instruments TPS7A4201_15_15 Datasheet HTML 5Page - Texas Instruments TPS7A4201_15_15 Datasheet HTML 6Page - Texas Instruments TPS7A4201_15_15 Datasheet HTML 7Page - Texas Instruments TPS7A4201_15_15 Datasheet HTML 8Page - Texas Instruments TPS7A4201_15_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TPS7A4201
SBVS184A – DECEMBER 2011 – REVISED AUGUST 2015
www.ti.com
Table of Contents
7.4
Device Functional Modes.......................................... 9
1
Features .................................................................. 1
8
Application and Implementation ........................ 10
2
Applications ........................................................... 1
8.1
Application Information............................................ 10
3
Description ............................................................. 1
8.2
Typical Application ................................................. 11
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 12
5
Pin Configuration and Functions ......................... 3
10
Layout................................................................... 13
6
Specifications......................................................... 3
10.1
Layout Guidelines ................................................. 13
6.1
Absolute Maximum Ratings ..................................... 3
10.2
Layout Example .................................................... 13
6.2
ESD Ratings.............................................................. 4
10.3
Thermal Considerations ........................................ 13
6.3
Recommended Operating Conditions ....................... 4
10.4
Power Dissipation ................................................. 14
6.4
Thermal Information .................................................. 4
11
Device and Documentation Support ................. 15
6.5
Electrical Characteristics........................................... 5
11.1
Community Resources.......................................... 15
6.6
Dissipation Ratings ................................................... 5
11.2
Trademarks ........................................................... 15
6.7
Typical Characteristics .............................................. 6
11.3
Electrostatic Discharge Caution ............................ 15
7
Detailed Description .............................................. 8
11.4
Glossary ................................................................ 15
7.1
Overview ................................................................... 8
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ......................................... 8
Information ........................................................... 15
7.3
Feature Description................................................... 8
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (December 2011) to Revision A
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................ 1
Changed maximum recommended operating condition values for VIN, VOUT, and VEN. .................................................. 4
Changed footnote 2 in Electrical Characteristics table........................................................................................................... 5
Changed ILIM parameter minimum specifications in Electrical Characteristics table .............................................................. 5
2
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS7A4201


Numéro de pièce similaire - TPS7A4201_15_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A4201DGNR TI1-TPS7A4201DGNR Datasheet
740Kb / 19P
[Old version datasheet]   28-V Input Voltage, 50-mA Voltage Regulator
TPS7A4201DGNT TI1-TPS7A4201DGNT Datasheet
740Kb / 19P
[Old version datasheet]   28-V Input Voltage, 50-mA Voltage Regulator
More results

Description similaire - TPS7A4201_15_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A4201 TI1-TPS7A4201 Datasheet
740Kb / 19P
[Old version datasheet]   28-V Input Voltage, 50-mA Voltage Regulator
logo
ABLIC Inc.
S-1222B ABLIC-S-1222B Datasheet
1Mb / 65P
   28 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.2.1_00
logo
Texas Instruments
TPS7A4101 TI1-TPS7A4101 Datasheet
741Kb / 19P
[Old version datasheet]   50-V Input Voltage, 50-mA, Very High Voltage LINEAR REGULATOR
TPS7A4101 TI-TPS7A4101_15 Datasheet
941Kb / 23P
[Old version datasheet]   TPS7A41 50-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7A4001-EP TI1-TPS7A4001-EP_16 Datasheet
996Kb / 23P
[Old version datasheet]   100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
logo
ON Semiconductor
NCP4640 ONSEMI-NCP4640 Datasheet
396Kb / 17P
   50 mA, Wide Input Range, Voltage Regulator
February, 2011 ??Rev. 1
NCP4640H033T1G ONSEMI-NCP4640H033T1G Datasheet
396Kb / 17P
   50 mA, Wide Input Range, Voltage Regulator
February, 2011 ??Rev. 1
logo
Zilog, Inc.
IXD1701 ZILOG-IXD1701 Datasheet
3Mb / 33P
   28 V Input High Speed Voltage Regulator
logo
ABLIC Inc.
S-1135 ABLIC-S-1135 Datasheet
558Kb / 48P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR
Rev.2.3_00
S-13A1 ABLIC-S-13A1 Datasheet
1Mb / 74P
   5.5 V INPUT, 1000 mA VOLTAGE REGULATOR
Rev.2.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com