Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A47_15 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TPS7A47_15
Description  TPS7A470x 36-V, 1-A, 4-關VRMS, RF LDO Voltage Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS7A47_15 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS7A47_15_15 Datasheet HTML 7Page - Texas Instruments TPS7A47_15_15 Datasheet HTML 8Page - Texas Instruments TPS7A47_15_15 Datasheet HTML 9Page - Texas Instruments TPS7A47_15_15 Datasheet HTML 10Page - Texas Instruments TPS7A47_15_15 Datasheet HTML 11Page - Texas Instruments TPS7A47_15_15 Datasheet HTML 12Page - Texas Instruments TPS7A47_15_15 Datasheet HTML 13Page - Texas Instruments TPS7A47_15_15 Datasheet HTML 14Page - Texas Instruments TPS7A47_15_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
0.01
0.1
1
10
100
10
100
1k
10k
100k
1M
Frequency (Hz)
IOUT = 50 mA, VNOISE = 5 µVRMS
IOUT = 20 mA, VNOISE = 5.9 µVRMS
VOUT = 4.7 V
COUT = 10 µF
CNR = 1 µF
BWRMSNOISE [10 Hz, 100 kHz]
G019
Time (50 ms/div)
G062
V
(2 V/div)
OUT
V
(2 V/div)
EN
I
(200 mA/div)
OUT
Startup Time = 65 ms
V
= 6 V, V
= 5 V
I
= 500 mA
C
= 10 F
C
= 50 F
IN
OUT
OUT
IN
OUT
m
m
Time (500 ms/div)
G060
V
(10 mV/div)
OUT
I
(1 A/div)
OUT
V
= 5 V
V
= 3.3 V
I
= 10 mA to 845 mA
IN
OUT
OUT
Time (5 ms/div)
G061
V
(10 V/div)
IN
V
(10 mV/div)
OUT
V
= 5 V to 15 V
V
= 3.3 V
I
= 845 mA
IN
OUT
OUT
TPS7A4700, TPS7A4701
www.ti.com
SBVS204F – JUNE 2012 – REVISED SEPTEMBER 2014
Typical Characteristics (continued)
At –40°C
≤ TJ ≤ 125°C; VI = VO(nom) + 1.0 V or VI = 3.0 V (whichever is greater); VEN = VI; IO = 0 mA; CIN =10 µF; COUT = 10
µF; CNR = 1 µF; SENSE/FB tied to OUT; and 0P1V, 0P2V, 0P4V, 0P8V, 1P6V, 3P2V, 6P4V1, 6P4V2 pins OPEN, unless
otherwise noted.
Figure 19. Load Transient
Figure 20. Line Transient
Figure 21. Startup
Figure 22. Noise vs Output Current
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS7A4700 TPS7A4701


Numéro de pièce similaire - TPS7A47_15_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A4701 TI1-TPS7A4701 Datasheet
1Mb / 31P
[Old version datasheet]   36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
TPS7A4701-EP TI1-TPS7A4701-EP Datasheet
687Kb / 27P
[Old version datasheet]   36-V, 1-A, 4-uVRMS, RF LDO Voltage Regulator
TPS7A4701MRGWREP TI1-TPS7A4701MRGWREP Datasheet
687Kb / 27P
[Old version datasheet]   36-V, 1-A, 4-uVRMS, RF LDO Voltage Regulator
TPS7A4701QRGWRQ1 TI1-TPS7A4701QRGWRQ1 Datasheet
633Kb / 25P
[Old version datasheet]   35-V, 1-A, 4.2-uVRMS, RF LDO Voltage Regulator
TPS7A4701QRGWTQ1 TI1-TPS7A4701QRGWTQ1 Datasheet
633Kb / 25P
[Old version datasheet]   35-V, 1-A, 4.2-uVRMS, RF LDO Voltage Regulator
More results

Description similaire - TPS7A47_15_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A4700 TI1-TPS7A4700_14 Datasheet
1Mb / 31P
[Old version datasheet]   36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
TPS7A4700 TI1-TPS7A4700 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A47 TI1-TPS7A47 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A4701-EP TI1-TPS7A4701-EP Datasheet
687Kb / 27P
[Old version datasheet]   36-V, 1-A, 4-uVRMS, RF LDO Voltage Regulator
TPS7A8300 TI-TPS7A8300_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS7A8300 2-A, 6-關VRMS, RF, LDO Voltage Regulator
TPS7A8300 TI-TPS7A8300 Datasheet
1Mb / 33P
[Old version datasheet]   2-A, 6-VRMS, RF, LDO Voltage Regulator
TPS7A47-Q1 TI1-TPS7A47-Q1 Datasheet
633Kb / 25P
[Old version datasheet]   35-V, 1-A, 4.2-uVRMS, RF LDO Voltage Regulator
TPS7A54 TI1-TPS7A54 Datasheet
475Kb / 28P
[Old version datasheet]   TPS7A54 4-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
logo
ON Semiconductor
NCV59800 ONSEMI-NCV59800 Datasheet
95Kb / 6P
   1 A Low Noise, RF LDO Voltage Regulator
October, 2016 ??Rev. 0
NCP59800 ONSEMI-NCP59800_17 Datasheet
94Kb / 6P
   1 A Low Noise, RF LDO Voltage Regulator
December, 2017 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com