Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

RS601 Fiches technique(PDF) 2 Page - Micro Commercial Components

No de pièce RS601
Description  6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RS601 Fiches technique(HTML) 2 Page - Micro Commercial Components

  RS601 Datasheet HTML 1Page - Micro Commercial Components RS601 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RS601 thru RS607
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Average Forward Rectified Current - Amperesversus
Ambient Temperature -
°C
Figure 3
Forward Derating Curve
40
60
100
120
140
20
0
2
4
6
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
80
8
10
12
Figure 1
Typical Forward Characteristics
Volts
4
6
20
10
Amps
.2
1.2
.4
.6
.8
1.0
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°
C
40
60
100
1.
Figure 2
Typical Reverse Characteristics
Instantaneous Reverse Leakage Current - MicroAmperesversus
Percent Of Rated Peak Reverse Voltage - Volts
Volts
.4
.6
2
1
µAmps
20
120
40
60
80
100
.001
.002
.00
4
.006
.01
.02
.04
.06
.1
.2
4
6
10
140
1
100
4
0
25
50
100
8
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
00
150
200
250
TA=25
°C
TA=100
°C
www.mccsemi.com


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
MB805 8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 1  2  Micro Commercial Components
RS1001 10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 1  2  Micro Commercial Components
KBPC1000S 10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 1  2  Micro Commercial Components
RS401L Bridge Rectifier 50 to 1000 Volts 4 Amp Single Phase 1  2  Micro Commercial Components
MP1505 15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 1  2  Micro Commercial Components
RS801 8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 1  2  Micro Commercial Components
W005M 1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 1  2  Micro Commercial Components
KBPC2500S 25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 1  2  Micro Commercial Components
MP2505 25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 1  2  Micro Commercial Components
KBPC3500S 35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 1  2  Micro Commercial Components

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn