Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM1810 Fiches technique(PDF) 58 Page - Texas Instruments

No de pièce AM1810
Description  AM1810 ARM짰 Microprocessor For PROFIBUS
Download  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AM1810 Fiches technique(HTML) 58 Page - Texas Instruments

Back Button AM1810_15 Datasheet HTML 54Page - Texas Instruments AM1810_15 Datasheet HTML 55Page - Texas Instruments AM1810_15 Datasheet HTML 56Page - Texas Instruments AM1810_15 Datasheet HTML 57Page - Texas Instruments AM1810_15 Datasheet HTML 58Page - Texas Instruments AM1810_15 Datasheet HTML 59Page - Texas Instruments AM1810_15 Datasheet HTML 60Page - Texas Instruments AM1810_15 Datasheet HTML 61Page - Texas Instruments AM1810_15 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 262 page
background image
AM1810
SPRS709D – NOVEMBER 2010 – REVISED MARCH 2014
www.ti.com
3.8
Unused Pin Configurations
All signals multiplexed with multiple functions may be used as an alternate function if a given peripheral is
not used. Unused non-multiplexed signals and some other specific signals should be handled as specified
in the tables below.
If NMI is unused, it should be pulled-high externally through a 10k-ohm resistor to supply DVDD3318_B.
Table 3-30. Unused USB0 and USB1 Signal Configurations
Configuration (When USB0 and USB1 are not
SIGNAL NAME
Configuration (When only USB1 is not used)
used)
USB0_DM
No Connect
Use as USB0 function
USB0_DP
No Connect
Use as USB0 function
USB0_ID
No Connect
Use as USB0 function
USB0_VBUS
No Connect
Use as USB0 function
USB0_DRVVBUS
No Connect
Use as USB0 function
USB0_VDDA33
No Connect
3.3V
USB0_VDDA18
No Connect
1.8V
USB0_VDDA12
Internal USB PHY output connected to an external 0.22-
μF filter capacitor
USB1_DM
No Connect
VSS or No Connect
USB1_DP
No Connect
VSS or No Connect
USB1_VDDA33
No Connect
No Connect
USB1_VDDA18
No Connect
No Connect
USB_REFCLKIN
No Connect or other peripheral function
Use for USB0 or other peripheral function
USB_CVDD
1.2V
1.2V
Table 3-31. Unused SATA Signal Configuration
SIGNAL NAME
Configuration
SATA_RXP
No Connect
SATA_RXN
No Connect
SATA_TXP
No Connect
SATA_TXN
No Connect
SATA_REFCLKP
No Connect
SATA_REFCLKN
No Connect
SATA_MP_SWITCH
May be used as GPIO or other peripheral function
SATA_CP_DET
May be used as GPIO or other peripheral function
SATA_CP_POD
May be used as GPIO or other peripheral function
SATA_LED
May be used as GPIO or other peripheral function
SATA_REG
No Connect
SATA_VDDR
No Connect
Prior to silicon revision 2.0, this supply must be connected to a static 1.2V nominal supply.
SATA_VDD
For silicon revision 2.0 and later, this supply may be left unconnected for additional power
conservation.
SATA_VSS
VSS
Table 3-32. Unused RTC Signal Configuration
SIGNAL NAME
Configuration
RTC_XI
May be held high (CVDD) or low
RTC_XO
No Connect
RTC_ALARM
May be used as GPIO or other peripheral function
RTC_CVDD
Connect to CVDD
58
Device Overview
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM1810


Numéro de pièce similaire - AM1810_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM1810 TI1-AM1810_16 Datasheet
1Mb / 262P
[Old version datasheet]   AM1810 ARM짰 Microprocessor For PROFIBUS
More results

Description similaire - AM1810_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM1810 TI1-AM1810_16 Datasheet
1Mb / 262P
[Old version datasheet]   AM1810 ARM짰 Microprocessor For PROFIBUS
AM1810 TI-AM1810 Datasheet
1Mb / 259P
[Old version datasheet]   AM1810 ARM Microprocessor For PROFIBUS
AM1705 TI1-AM1705_16 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
AM1707 TI1-AM1707_16 Datasheet
1Mb / 200P
[Old version datasheet]   AM1707 ARM짰 Microprocessor
AM1808 TI1-AM1808_16 Datasheet
1Mb / 265P
[Old version datasheet]   AM1808 ARM짰 Microprocessor
AM1705 TI-AM1705_15 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
AM1707 TI-AM1707_15 Datasheet
1Mb / 200P
[Old version datasheet]   AM1707 ARM짰 Microprocessor
AM1802 TI-AM1802_15 Datasheet
1Mb / 182P
[Old version datasheet]   AM1802 ARM짰 Microprocessor
AM1806 TI1-AM1806_16 Datasheet
1Mb / 245P
[Old version datasheet]   AM1806 ARM짰 Microprocessor
AM1802 TI1-AM1802_16 Datasheet
1Mb / 182P
[Old version datasheet]   AM1802 ARM짰 Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com