Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1K0PH7R50KE Fiches technique(PDF) 1 Page - Ohmite Mfg. Co.

No de pièce TA1K0PH7R50KE
Description  1000 and 2000 Watt Heat Sinkable Planar
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OHMITE [Ohmite Mfg. Co.]
Site Internet  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TA1K0PH7R50KE Fiches technique(HTML) 1 Page - Ohmite Mfg. Co.

  TA1K0PH7R50KE Datasheet HTML 1Page - Ohmite Mfg. Co. TA1K0PH7R50KE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
143
TAP1000 & 2000
1000 & 2000 Watt Heat Sinkable Planar
Resistor Element Thick Film on Alumina
Substrate
Power Rating 1000W or 2000W at
85°C mounting plate
Resistance Values 0.5Ω to 1000Ω
Resistance Tolerance +10% std.
Max Operating Voltage 2000VDC
Temperature Coefficient ± 250 PPM/°C
Dielectric Strength 6KV standard
Operating Temperature
Range
-55°C to 85°C
Terminal Screws #10-32
Max Contacts Torque 10 in-lb
Mounting Screws #8-32
Max Mounting Torque 15 in-lb
Creepage Distance 50mm ± 1mm (min)
100
Bottom of base plate Temperature,
°C
60
20
0
150
80
40
25
100
125
0
50
85
Rating
Test
Continuous
Pulse
Rated Power, max. current and heat sink plate
temperature limited
(TA1K0) 1000W
(TA2K0) 2000W
Operating Voltage √P*R
N/A
Max. Applied Voltage, ohms law limited 223V
2000VDC
Max. Current 10A
53.33A
Critical Resistance; below this resistance max
power has to be de-rated due to exceeding max
current
(TA1K0) 10Ω
(TA2K0) 20Ω
Test
Method
Maximum ∆R
Short Time
Overload
1.14 x √P*R / 10 sec @ 70°C
Max % ∆Rsto =
±(2% + 0.05Ω)
Moisture
Resistance
(TA1K0) 1000 hrs @ 40°C, 90-95% RH
(TA2K0) 1750 hrs @ 40°C, 90-95% RH
≤1%
≤1%
Thermal Shock MIL-STD-202, Method 107
MIL-STD-202,
Method 107
Vibration, elec. MIL-STD-202, Method 201
±2% Resistance
Vibration, mech. MIL-STD-202, Method 201
No Loose
Terminal Screws
Load Life (TA1K0) 1000 Hrs 90 min ON / 30 min OFF
(TA2K0) 1750 Hrs 90 min ON / 30 min OFF
≤1%
≤1%
Pulse Tolerance 52µF @ 2KV / 60 sec intervals, 104J,
20,000 Pulses
≤1%
Dielectric
Strength
6KVDC for 1 minute
≤1%
The TAP series delivers
1000W or 2000W of contin-
uous power when properly
mounted to a liquid cooled
heat sink (based on 85°C
mounting plate tempera-
ture)
Applications include
power conditioning, power
distribution, power conver-
sion, and power control.
Fe A T ures
• High Energy Rating
• Low Inductance
• Resistor Element Electrically Isolated
• High Dielectric Strength
• Small Footprint
A PP lic A T ions
• Power semiconductor balancing
• Motor control
• Inrush Current Limiting
ch A r A c T eris T ics
Derating
(continued)


Numéro de pièce similaire - TA1K0PH7R50KE

FabricantNo de pièceFiches techniqueDescription
logo
Ohmite Mfg. Co.
TA1K0PH7R50KE OHMITE-TA1K0PH7R50KE Datasheet
352Kb / 2P
   High Energy Rating
More results

Description similaire - TA1K0PH7R50KE

FabricantNo de pièceFiches techniqueDescription
logo
Ohmite Mfg. Co.
TA1K0PH2R50KE OHMITE-TA1K0PH2R50KE Datasheet
102Kb / 1P
   1000 Watt Heat Sinkable Planar
TAP800 OHMITE-TAP800 Datasheet
379Kb / 2P
   800 Watt Heat Sinkable Planar
TAP600K2R0 OHMITE-TAP600K2R0 Datasheet
332Kb / 2P
   600 Watt Heat Sinkable Planar
TAP800J5R0E OHMITE-TAP800J5R0E Datasheet
105Kb / 1P
   800 Watt Heat Sinkable Planar
TAP600 OHMITE-TAP600 Datasheet
370Kb / 2P
   600 Watt Heat Sinkable Planar
TAP600J5R0E OHMITE-TAP600J5R0E Datasheet
100Kb / 1P
   600 Watt Heat Sinkable Planar
TL54FR500E OHMITE-TL54FR500E Datasheet
126Kb / 2P
   Modular Heat Sinkable Thick Film Power
TL-SERIES OHMITE-TL-SERIES Datasheet
341Kb / 2P
   Modular Heat Sinkable Thick Film Power
33J1R0 OHMITE-33J1R0 Datasheet
126Kb / 2P
   Axial Terminal / Surface Mount / Heat Sinkable Packaging
logo
MERITEK ELECTRONICS COR...
SRF MERITEK-SRF Datasheet
793Kb / 4P
   Load Life : 105C 1000~2000 hours
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com