Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS55340-Q1 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS55340-Q1
Description  TPS55340-EP Integrated 5-A, 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS55340-Q1 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS55340-Q1 Datasheet HTML 3Page - Texas Instruments TPS55340-Q1 Datasheet HTML 4Page - Texas Instruments TPS55340-Q1 Datasheet HTML 5Page - Texas Instruments TPS55340-Q1 Datasheet HTML 6Page - Texas Instruments TPS55340-Q1 Datasheet HTML 7Page - Texas Instruments TPS55340-Q1 Datasheet HTML 8Page - Texas Instruments TPS55340-Q1 Datasheet HTML 9Page - Texas Instruments TPS55340-Q1 Datasheet HTML 10Page - Texas Instruments TPS55340-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
94
95
96
97
98
99
100
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C011
70
75
80
85
90
95
100
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C012
2.500
2.550
2.600
2.650
2.700
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
UVLO Start
UVLO Stop
C009
0.700
0.800
0.900
1.000
1.100
1.200
1.300
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
EN Voltage Rising
EN Voltage Falling
C010
0.5
1.0
1.5
2.0
2.5
3.0
3.5
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
COMP Pin Clamp High
COMP Pin Clamp Low
C008
0
100
200
300
400
500
600
700
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
Non-Foldback
Foldback
G007
TPS55340-EP
www.ti.com
SLVSCG7 – JULY 2014
Typical Characteristics (continued)
Vin = 5 V, TJ = 25°C (unless otherwise noted)
RFREQ = 80 kΩ
Figure 7. Non-Foldback Frequency vs Foldback Frequency
Figure 8. COMP Clamp Voltage vs Temperature
Figure 9. Input Voltage UVLO vs Temperature
Figure 10. Enable Voltage vs Temperature
RFREQ = 80 kΩ
RFREQ = 80 kΩ
Figure 11. Maximum Duty Cycle vs Temperature
Figure 12. Minimum On Time vs Temperature
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7


Numéro de pièce similaire - TPS55340-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS55340-Q1 TI1-TPS55340-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Converter
TPS55340-Q1 TI-TPS55340-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS55340-Q1 Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Regulator
TPS55340-Q1 TI1-TPS55340-Q1_16 Datasheet
1Mb / 37P
[Old version datasheet]   Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Converter
More results

Description similaire - TPS55340-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS55340 TI-TPS55340_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS55340 Integrated 5-A Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340-Q1 TI-TPS55340-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS55340-Q1 Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Regulator
TPS55340 TI1-TPS55340 Datasheet
1Mb / 31P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340PWPR TI-TPS55340PWPR Datasheet
1Mb / 38P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI1-TPS55340_14 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340-Q1 TI1-TPS55340-Q1_16 Datasheet
1Mb / 37P
[Old version datasheet]   Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Converter
TPS55330 TI-TPS55330 Datasheet
1Mb / 27P
[Old version datasheet]   Integrated 5-A 24-V Boost/SEPIC/Flyback DC-DC Regulator
TPS55330 TI-TPS55330_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS55330 Integrated 5-A, 24-V Boost/SEPIC/Flyback DC-DC Regulator
logo
Linear Technology
LTC1871-1 LINER-LTC1871-1 Datasheet
517Kb / 36P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871 Datasheet
411Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com