Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL6121HIBZA Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce ISL6121HIBZA
Description  Single Supply Integrated Current Limiting Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6121HIBZA Fiches technique(HTML) 6 Page - Intersil Corporation

Back Button ISL6121HIBZA Datasheet HTML 2Page - Intersil Corporation ISL6121HIBZA Datasheet HTML 3Page - Intersil Corporation ISL6121HIBZA Datasheet HTML 4Page - Intersil Corporation ISL6121HIBZA Datasheet HTML 5Page - Intersil Corporation ISL6121HIBZA Datasheet HTML 6Page - Intersil Corporation ISL6121HIBZA Datasheet HTML 7Page - Intersil Corporation ISL6121HIBZA Datasheet HTML 8Page - Intersil Corporation ISL6121HIBZA Datasheet HTML 9Page - Intersil Corporation ISL6121HIBZA Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN9004.2
November 12, 2004
FIGURE 8. CR SETTLING TIME vs FAULT CURRENT
FIGURE 9. SLOW TURN-OFF vs CLOAD
FIGURE 10. FAST TURN-OFF vs CLOAD
FIGURE 11. ISL6121 TURN-ON INTO 3A OC
FIGURE 12. ISL6121 TURN-ON INTO A 6ms MOMENTARY OC
FIGURE 13. VENDOR TURN-ON INTO A 6ms MOMENTARY OC
Typical Performance Curves (Continued)
3
4
5
6
78
910
1
12
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
FAULT CURRENT (A)
CL = 0.1µF, 10µF
VOUT
ENABLE
CL = 100µF
VOUT (1V/DIV.)
TIME (200
µs/DIV.)
VOUT (1V/DIV.)
TIME (400
µs /DIV.)
CL = 10µF
CL=100µF
VOUT
CL = 0.1µF
VOUT
ENABLE
IOUT
12ms
VOUT
TIME (2ms/DIV.)
ENABLE
FAULT
VOUT
IOUT
TIME (1ms/DIV.)
VOUT
FAULT
ENABLE
TIME (2ms /DIV.)
ISL6121


Numéro de pièce similaire - ISL6121HIBZA

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL6121HIBZA INTERSIL-ISL6121HIBZA Datasheet
566Kb / 16P
   Single Supply Integrated Current Limiting Controller
logo
Renesas Technology Corp
ISL6121HIBZA RENESAS-ISL6121HIBZA Datasheet
645Kb / 11P
   Single Supply Integrated Current Limiting Controller
logo
Intersil Corporation
ISL6121HIBZA-T INTERSIL-ISL6121HIBZA-T Datasheet
566Kb / 16P
   Single Supply Integrated Current Limiting Controller
logo
Renesas Technology Corp
ISL6121HIBZA-T RENESAS-ISL6121HIBZA-T Datasheet
645Kb / 11P
   Single Supply Integrated Current Limiting Controller
More results

Description similaire - ISL6121HIBZA

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL6121 INTERSIL-ISL6121 Datasheet
566Kb / 16P
   Single Supply Integrated Current Limiting Controller
logo
Renesas Technology Corp
ISL6121 RENESAS-ISL6121 Datasheet
645Kb / 11P
   Single Supply Integrated Current Limiting Controller
logo
International Rectifier
IR2125 IRF-IR2125 Datasheet
490Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z_15 Datasheet
245Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z Datasheet
140Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125SPBF IRF-IR2125SPBF Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2125 INFINEON-IR2125 Datasheet
218Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
Data Sheet No. PD60017 Rev.Q
logo
International Rectifier
IR2125S IRF-IR2125S Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125PBF IRF-IR2125PBF Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125 IRF-IR2125_15 Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com