Moteur de recherche de fiches techniques de composants électroniques |
|
LA2284G-SM2-T Fiches technique(PDF) 5 Page - Unisonic Technologies |
|
LA2284G-SM2-T Fiches technique(HTML) 5 Page - Unisonic Technologies |
5 / 7 page LA2284/A LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 5 of 7 www.unisonic.com.tw QW-R121-002.D TEST CIRCUIT APPLICATION INFORMATION By changing the time constant C1 and, the response, attack and release time, may be varied. In the above application conditions, power dissipation may be operated at higher levels than the absolute maximum ratings. The wattage of R is to be determined by the total LED current and R value recommended by the R table. |
Numéro de pièce similaire - LA2284G-SM2-T |
|
Description similaire - LA2284G-SM2-T |