Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2735 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce LM2735
Description  LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM2735 Fiches technique(HTML) 4 Page - Texas Instruments

  LM2735_15 Datasheet HTML 1Page - Texas Instruments LM2735_15 Datasheet HTML 2Page - Texas Instruments LM2735_15 Datasheet HTML 3Page - Texas Instruments LM2735_15 Datasheet HTML 4Page - Texas Instruments LM2735_15 Datasheet HTML 5Page - Texas Instruments LM2735_15 Datasheet HTML 6Page - Texas Instruments LM2735_15 Datasheet HTML 7Page - Texas Instruments LM2735_15 Datasheet HTML 8Page - Texas Instruments LM2735_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
LM2735, LM2735-Q1
SNVS485G – JUNE 2007 – REVISED AUGUST 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
VIN
–0.5
7
V
SW Voltage
–0.5
26.5
V
FB Voltage
–0.5
3
V
EN Voltage
–0.5
7
V
Junction Temperature(2)
150
°C
Soldering Information, Infrared/Convection Reflow (15 s)
220
°C
Storage Temperature
–65
150
°C
(1)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(2)
Thermal shutdown will occur if the junction temperature exceeds the maximum junction temperature of the device.
6.2 ESD Ratings: LM2735
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-
±1000
C101(3)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible if necessary precautions are taken.
(2)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin.
(3)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible if necessary precautions are taken.
6.3 ESD Ratings: LM2735-Q1
VALUE
UNIT
Human body model (HBM), per AEC Q100-002(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per AEC Q100-011
±1000
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
2.7
5.5
V
VSW
3
24
V
VEN
(1)
0
VIN
V
Junction Temperature Range
–40
125
°C
Power Dissipation
(Internal) SOT-23
400
mW
(1)
Do not allow this pin to float or be greater than VIN + 0.3 V.
6.5 Thermal Information
LM2735, LM2735-Q1
LM2735
NGG (WSON)
DBV (SOT-23)
DGN (MSOP-
THERMAL METRIC(1)
UNIT
PowerPAD)
6 PINS
5 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance(2)
54.9
164.2
59
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance(2)
50.9
115.3
51.2
°C/W
RθJB
Junction-to-board thermal resistance
29.3
27
35.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Applies for packages soldered directly onto a 3” × 3” PC board with 2-oz. copper on 4 layers in still air.
4
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LM2735 LM2735-Q1


Numéro de pièce similaire - LM2735_15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2735XMF NSC-LM2735XMF Datasheet
760Kb / 38P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
LM2735XMF NSC-LM2735XMF Datasheet
746Kb / 42P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
logo
Texas Instruments
LM2735XMF/NOPB TI1-LM2735XMF/NOPB Datasheet
1Mb / 58P
[Old version datasheet]   LM2735/LM2735-Q1 520kHz/1.6MHz ??Space-Efficient Boost and SEPIC DC-DC Regulator
logo
National Semiconductor ...
LM2735XMFX NSC-LM2735XMFX Datasheet
760Kb / 38P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
LM2735XMFX NSC-LM2735XMFX Datasheet
746Kb / 42P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
More results

Description similaire - LM2735_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2735 TI1-LM2735 Datasheet
1Mb / 58P
[Old version datasheet]   LM2735/LM2735-Q1 520kHz/1.6MHz ??Space-Efficient Boost and SEPIC DC-DC Regulator
logo
National Semiconductor ...
LM2735 NSC-LM2735_08 Datasheet
746Kb / 42P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
LM2735 NSC-LM2735 Datasheet
760Kb / 38P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
logo
Infineon Technologies A...
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
logo
Texas Instruments
TPS55330 TI-TPS55330 Datasheet
1Mb / 27P
[Old version datasheet]   Integrated 5-A 24-V Boost/SEPIC/Flyback DC-DC Regulator
logo
Linear Technology
LT8570 LINER-LT8570_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
LT8570-1 LINER-LT8570-1_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
logo
Texas Instruments
LM3481 TI-LM3481_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM3481 / -Q1 High-Efficiency Controller for Boost, SEPIC and Flyback DC-DC Converters
TPS55330 TI-TPS55330_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS55330 Integrated 5-A, 24-V Boost/SEPIC/Flyback DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com