Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2731 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM2731
Description   0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM2731 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button LM2731 Datasheet HTML 5Page - Texas Instruments LM2731 Datasheet HTML 6Page - Texas Instruments LM2731 Datasheet HTML 7Page - Texas Instruments LM2731 Datasheet HTML 8Page - Texas Instruments LM2731 Datasheet HTML 9Page - Texas Instruments LM2731 Datasheet HTML 10Page - Texas Instruments LM2731 Datasheet HTML 11Page - Texas Instruments LM2731 Datasheet HTML 12Page - Texas Instruments LM2731 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
350
0
50
100
150
200
250
300
LOAD (mA)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
350
0
50
100 150
200
250
300
LOAD (mA)
400
600
0
100
200
300
400
500
LOAD (mA)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
0
10
20
30
40
50
60
70
80
LOAD (mA)
1400
0
200
400
600
800
1000 1200
LOAD (mA)
0
10
20
30
40
50
60
70
80
90
100
0
50
100
150
200
250
300
LOAD (mA)
0
10
20
30
40
50
60
70
80
90
100
LM2731
www.ti.com
SNVS217G – MAY 2004 – REVISED SEPTEMBER 2015
Typical Characteristics (continued)
Unless otherwise specified: VIN = 5 V, SHDN pin tied to VIN.
VIN = 2.7 V
VOUT = 5 V
VIN = 4.2 V
VOUT = 5 V
Figure 13. Efficiency vs Load Current - X Option
Figure 14. Efficiency vs Load Current - X Option
VIN = 2.7 V
VOUT = 12 V
VIN = 5 V
VOUT = 12 V
Figure 15. Efficiency vs Load Current - X Option
Figure 16. Efficiency vs Load Current - X Option
VIN = 2.7 V
VOUT = 5 V
VIN = 5 V
VOUT = 18 V
Figure 18. Efficiency vs Load Current - Y Option
Figure 17. Efficiency vs Load Current - X Option
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2731


Numéro de pièce similaire - LM2731

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2731 NSC-LM2731 Datasheet
528Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 NSC-LM2731 Datasheet
432Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731 TI-LM2731 Datasheet
629Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 TI1-LM2731 Datasheet
1Mb / 22P
[Old version datasheet]   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 TI1-LM2731 Datasheet
667Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
More results

Description similaire - LM2731

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2731 NSC-LM2731 Datasheet
528Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 NSC-LM2731_07 Datasheet
432Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733 NSC-LM2733_07 Datasheet
406Kb / 16P
   0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731 TI1-LM2731_14 Datasheet
1Mb / 22P
[Old version datasheet]   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733 TI-LM2733_15 Datasheet
1Mb / 26P
[Old version datasheet]    0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
LM2731XMF_NOPB TI1-LM2731XMF_NOPB Datasheet
667Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731YMFX TI-LM2731YMFX Datasheet
629Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733YMF-NOPB TI-LM2733YMF-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM2733 0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM27313 NSC-LM27313_07 Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
LM2733 NSC-LM2733 Datasheet
507Kb / 13P
   0.6/1.6 MHz Boost Converters With 40V Internal FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com