Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2731 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce LM2731
Description   0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM2731 Fiches technique(HTML) 5 Page - Texas Instruments

  LM2731_15 Datasheet HTML 1Page - Texas Instruments LM2731_15 Datasheet HTML 2Page - Texas Instruments LM2731_15 Datasheet HTML 3Page - Texas Instruments LM2731_15 Datasheet HTML 4Page - Texas Instruments LM2731_15 Datasheet HTML 5Page - Texas Instruments LM2731_15 Datasheet HTML 6Page - Texas Instruments LM2731_15 Datasheet HTML 7Page - Texas Instruments LM2731_15 Datasheet HTML 8Page - Texas Instruments LM2731_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LM2731
www.ti.com
SNVS217G – MAY 2004 – REVISED SEPTEMBER 2015
6.5 Electrical Characteristics
Limits are for TJ = 25°C. Unless otherwise specified: VIN = 5 V, VSHDN = 5 V, IL = 0 A.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VIN
Input Voltage
−40°C ≤ TJ ≤ 125°C
2.7
14
V
VIN = 2.7 V
7
−40°C ≤ TJ
5.4
125°C
RL = 43 Ω
VIN = 3.3 V
10
X Option(3)
−40°C ≤ TJ
8
125°C
VIN = 5 V
16
VIN = 2.7 V
7.5
−40°C ≤ TJ
6
125°C
RL = 43 Ω
VIN = 3.3 V
11
Y Option(3)
−40°C ≤ TJ
8.75
125°C
VIN = 5 V
15
VOUT (MIN)
Minimum Output Voltage Under Load
V
VIN = 2.7 V
5
−40°C ≤ TJ
3.75
125°C
RL = 15 Ω
VIN = 3.3 V
6.5
X Option(3)
−40°C ≤ TJ
5
125°C
VIN = 5 V
10
VIN = 2.7 V
5
−40°C ≤ TJ
4
125°C
RL = 15 Ω
VIN = 3.3 V
7
Y Option(3)
−40°C ≤ TJ
5.5
125°C
VIN = 5 V
10
TJ = 25°C
1.8
2
ISW
Switch Current Limit
See(4)
A
−40°C ≤ TJ
1.4
125°C
TJ = 25°C
260
400
ISW = 100 mA
−40°C ≤ TJ
Vin = 5 V
500
125°C
RDS(ON)
Switch ON-Resistance
m
TJ = 25°C
300
450
ISW = 100 mA
−40°C ≤ TJ
Vin = 3.3 V
550
125°C
−40°C ≤ TJ
Device ON
1.5
125°C
SHDNTH
Shutdown Threshold
V
−40°C ≤ TJ
Device OFF
0.5
125°C
VSHDN = 0
0
TJ = 25°C
0
ISHDN
Shutdown Pin Bias Current
µA
VSHDN = 5 V
−40°C ≤ TJ
2
125°C
TJ = 25°C
1.230
VFB
Feedback Pin Reference Voltage
VIN = 3 V
V
−40°C ≤ TJ
1.205
1.255
125°C
TJ = 25°C
60
IFB
Feedback Pin Bias Current
VFB = 1.23 V
nA
−40°C ≤ TJ
500
125°C
(1)
Limits are ensured by testing, statistical correlation, or design.
(2)
Typical values are derived from the mean value of a large quantity of samples tested during characterization and represent the most
likely expected value of the parameter at room temperature.
(3)
L = 10 µH, COUT = 4.7 µF, duty cycle = maximum
(4)
Switch current limit is dependent on duty cycle (see Typical Characteristics).
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2731


Numéro de pièce similaire - LM2731_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2731 TI1-LM2731_14 Datasheet
1Mb / 22P
[Old version datasheet]   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
More results

Description similaire - LM2731_15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2731 NSC-LM2731 Datasheet
528Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 NSC-LM2731_07 Datasheet
432Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733 NSC-LM2733_07 Datasheet
406Kb / 16P
   0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731 TI1-LM2731_14 Datasheet
1Mb / 22P
[Old version datasheet]   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733 TI-LM2733_15 Datasheet
1Mb / 26P
[Old version datasheet]    0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
LM2731XMF_NOPB TI1-LM2731XMF_NOPB Datasheet
667Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731YMFX TI-LM2731YMFX Datasheet
629Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733YMF-NOPB TI-LM2733YMF-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM2733 0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM27313 NSC-LM27313_07 Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
LM2733 NSC-LM2733 Datasheet
507Kb / 13P
   0.6/1.6 MHz Boost Converters With 40V Internal FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com