Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD95373AQ5M Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce CSD95373AQ5M
Description  CSD95373AQ5M Synchronous Buck NexFET??Power Stage
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CSD95373AQ5M Fiches technique(HTML) 8 Page - Texas Instruments

Back Button CSD95373AQ5M_15 Datasheet HTML 4Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 5Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 6Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 7Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 8Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 9Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 10Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 11Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
0
10
20
30
40
50
60
70
200
600
1000
1400
1800
2200
Switching Frequency (kHz)
VIN = 12V
VDD = 5V
VOUT = 1.2V
LOUT = 0.22µH
IOUT = 45A
G000
0
1
2
3
4
5
6
0.8
1
1.2
1.4
1.6
1.8
2
−5.2
0
5.2
10.5
15.7
20.9
26.2
Output Voltage (V)
VIN = 12V
VDD = 5V
fSW = 500kHz
LOUT = 0.22µH
IOUT = 45A
G001
100
120
140
160
180
200
220
240
0.99
1
1.01
1.02
1.03
1.04
1.05
1.06
1.07
1.08
−0.3
0
0.3
0.5
0.8
1
1.3
1.6
1.8
2.1
Output Inductance (nH)
VIN = 12V
VDD = 5V
VOUT = 1.2V
fSW = 500kHz
IOUT = 45A
G001
200
600
1000
1400
1800
2200
0.9
1
1.1
1.2
1.3
1.4
1.5
−2.6
0.0
2.6
5.2
7.8
10.4
13.0
Switching Frequency (kHz)
VIN = 12V
VDD = 5V
VOUT = 1.2V
LOUT = 0.22µH
IOUT = 45A
G001
3
5
7
9
11
13
15
17
0.98
1
1.02
1.04
1.06
1.08
1.1
1.12
−0.5
0.0
0.5
1.0
1.6
2.1
2.6
3.1
Input Voltage (V)
VDD = 5V
VOUT = 1.2V
LOUT = 0.22µH
fSW = 500kHz
IOUT = 45A
G001
CSD95373AQ5M
SLPS458A – DECEMBER 2013 – REVISED AUGUST 2014
www.ti.com
Typical Power Stage Device Characteristics (continued)
TJ = 125°C, unless stated otherwise. The Typical CSD95373A System Characteristic curves are based on measurements
made on a PCB design with dimensions of 4-inches (W) × 3.5-inches (L) × 0.062-inch (T) and 6 copper layers of 1-oz. copper
thickness. See the Application and Implementation section for detailed explanation.
Figure 6. Normalized Power Loss vs Frequency
Figure 7. Normalized Power Loss vs Input Voltage
Figure 8. Normalized Power Loss vs Output Voltage
Figure 9. Normalized Power Loss vs Output Inductance
Figure 10. Driver Current vs Frequency
8
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated


Numéro de pièce similaire - CSD95373AQ5M_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
More results

Description similaire - CSD95373AQ5M_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
JUNE2011
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97374Q4M TI1-CSD97374Q4M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD96370Q5M TI-CSD96370Q5M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M_1110 TI-CSD97370Q5M_1110 Datasheet
789Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD96371Q5M TI-CSD96371Q5M Datasheet
1Mb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com