Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD95373AQ5M Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce CSD95373AQ5M
Description  CSD95373AQ5M Synchronous Buck NexFET??Power Stage
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CSD95373AQ5M Fiches technique(HTML) 5 Page - Texas Instruments

  CSD95373AQ5M_15 Datasheet HTML 1Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 2Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 3Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 4Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 5Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 6Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 7Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 8Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
CSD95373AQ5M
www.ti.com
SLPS458A – DECEMBER 2013 – REVISED AUGUST 2014
6.5 Electrical Characteristics
TA = 25°C, VDD = POR to 5.5 V (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
PLOSS
VIN = 12 V, VDD = 5 V, VOUT = 1.2 V, IOUT = 25 A,
Power Loss(1)
2.6
W
ƒSW = 500 kHz, LOUT = 0.22 µH , TJ = 25°C
VIN = 12 V, VDD = 5 V, VOUT = 1.2 V, IOUT = 25 A,
Power Loss(2)
3.3
W
ƒSW = 500 kHz, LOUT = 0.22 µH , TJ = 125°C
VIN
VIN Quiescent Current, IQ
ENABLE = 0, VDD = 5 V
10
µA
VDD
Standby Supply Current, IDD
ENABLE = 0, PWM = 0
250
µA
ENABLE = 5 V, PWM = 50% Duty cycle,
Operating Supply Current, IDD
16
mA
ƒSW = 500 kHz
POWER-ON RESET AND UNDER VOLTAGE LOCKOUT
Power-On Reset, VDD Rising
3.6
3.9
V
UVLO, VDD Falling
3.4
3.7
V
Hysteresis
100
250
mV
Startup Delay(3)
ENABLE = 5 V
6
µs
ENABLE
Logic Level High, VIH
2
V
Logic Level Low, VIL
0.8
V
Schmitt Trigger Input
Weak Pulldown Impedance
100
k
Ω
See Figure 12
Rising Propagation Delay, tPDH
3
µs
Falling Propagation Delay, tPDL
30
ns
FCCM(2)
Logic Level High, VIH
2
V
Schmitt Trigger Input
Logic Level Low, VIL
0.8
V
See Figure 14 and Figure 15
Weak Pullup Current
5
µA
THERMAL SHUTDOWN (2)
Start Threshold
150
165
°C
Temperature Hysteresis
25
°C
(1)
Measurement made with six 10-µF (TDK C3216X5R1C106KT or equivalent) ceramic capacitors placed across VIN to PGND pins
(2)
Specified by design
(3)
POR to VSW Rising
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5


Numéro de pièce similaire - CSD95373AQ5M_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
More results

Description similaire - CSD95373AQ5M_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
JUNE2011
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97374Q4M TI1-CSD97374Q4M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD96370Q5M TI-CSD96370Q5M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M_1110 TI-CSD97370Q5M_1110 Datasheet
789Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD96371Q5M TI-CSD96371Q5M Datasheet
1Mb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com