Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD95372BQ5MC Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD95372BQ5MC
Description  CSD95372BQ5MC Synchronous Buck NexFET Smart Power Stage
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CSD95372BQ5MC Fiches technique(HTML) 2 Page - Texas Instruments

  CSD95372BQ5MC Datasheet HTML 1Page - Texas Instruments CSD95372BQ5MC Datasheet HTML 2Page - Texas Instruments CSD95372BQ5MC Datasheet HTML 3Page - Texas Instruments CSD95372BQ5MC Datasheet HTML 4Page - Texas Instruments CSD95372BQ5MC Datasheet HTML 5Page - Texas Instruments CSD95372BQ5MC Datasheet HTML 6Page - Texas Instruments CSD95372BQ5MC Datasheet HTML 7Page - Texas Instruments CSD95372BQ5MC Datasheet HTML 8Page - Texas Instruments CSD95372BQ5MC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CSD95372BQ5MC
SLPS417A – APRIL 2014 – REVISED JULY 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
7
Application Schematic .......................................... 5
2
Applications ........................................................... 1
8
Device and Documentation Support.................... 6
8.1
Community Resources.............................................. 6
3
Description ............................................................. 1
8.2
Trademarks ............................................................... 6
4
Revision History..................................................... 2
8.3
Electrostatic Discharge Caution ................................ 6
5
Pin Configuration and Functions ......................... 3
8.4
Glossary .................................................................... 6
6
Specifications......................................................... 4
9
Mechanical, Packaging, and Orderable
6.1
Absolute Maximum Ratings ...................................... 4
Information ............................................................. 7
6.2
ESD Ratings.............................................................. 4
9.1
Mechanical Drawing.................................................. 7
6.3
Recommended Operating Conditions ....................... 4
9.2
Recommended PCB Land Pattern............................ 8
6.4
Thermal Information .................................................. 4
9.3
Recommended Stencil Opening ............................... 8
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (April 2014) to Revision A
Page
Updated Application Schematic to show IOUT (not IMON) for each CSD95372B ..................................................................... 5
Corrected MAX A dimensions in Mechanical Drawing table to 1.050 mm (0.041 inch)......................................................... 7
2
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: CSD95372BQ5MC


Numéro de pièce similaire - CSD95372BQ5MC

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD95372BQ5M TI1-CSD95372BQ5M Datasheet
796Kb / 13P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95372BQ5MT TI1-CSD95372BQ5MT Datasheet
796Kb / 13P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95372BQ5M TI-CSD95372BQ5M_15 Datasheet
804Kb / 13P
[Old version datasheet]   CSD95372BQ5M Synchronous Buck NexFET??Smart Power Stage
CSD95372BQ5M TI1-CSD95372BQ5M_16 Datasheet
796Kb / 13P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
More results

Description similaire - CSD95372BQ5MC

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD95481RWJ TI1-CSD95481RWJ Datasheet
809Kb / 15P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD96497Q5MC TI1-CSD96497Q5MC Datasheet
249Kb / 11P
[Old version datasheet]   Synchronous buck NexFET smart power stage
CSD95492QVM TI1-CSD95492QVM Datasheet
774Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95495QVM TI1-CSD95495QVM Datasheet
774Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95491Q5MC TI1-CSD95491Q5MC Datasheet
765Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95482RWJ TI1-CSD95482RWJ Datasheet
270Kb / 12P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95378BQ5MC TI-CSD95378BQ5MC_15 Datasheet
802Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95472Q5MC TI1-CSD95472Q5MC_16 Datasheet
259Kb / 11P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95372BQ5M TI1-CSD95372BQ5M_16 Datasheet
796Kb / 13P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95490Q5MC TI1-CSD95490Q5MC Datasheet
766Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com