Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC5674 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce DAC5674
Description  14-BIT,400 MSPS,2X/4X INTERPOLATING COMMSDAC DIGITAL-TO-ANALOG CONVERTER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DAC5674 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button DAC5674_15 Datasheet HTML 3Page - Texas Instruments DAC5674_15 Datasheet HTML 4Page - Texas Instruments DAC5674_15 Datasheet HTML 5Page - Texas Instruments DAC5674_15 Datasheet HTML 6Page - Texas Instruments DAC5674_15 Datasheet HTML 7Page - Texas Instruments DAC5674_15 Datasheet HTML 8Page - Texas Instruments DAC5674_15 Datasheet HTML 9Page - Texas Instruments DAC5674_15 Datasheet HTML 10Page - Texas Instruments DAC5674_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
DAC5674
SLWS148A − SEPTEMBER 2003 − REVISED OCTOBER 2005
www.ti.com
7
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AGND
37, 41, 44
I
Analog ground return
AVDD
45, 46
I
Analog supply voltage
BIASJ
40
O
Full-scale output current bias
CLK
29
I
External clock input
CLKC
30
I
Complementary external clock input
CLKGND
31
I
Ground return for internal clock buffer
CLKVDD
32
I
Internal clock buffer supply voltage
D[13..0]
3−16
I
Data bits 0 through 13
D13 is most significant data bit (MSB)
D0 is least significant data bit (MSB)
DIV[1..0]
27,28
I
PLL prescaler divide ratio settings
DGND
1, 2, 19, 24
I
Digital ground return
DVDD
21, 47, 48
I
Digital supply voltage
EXTIO
39
I/O
Used as external reference input when internal reference is disabled (i.e., EXTLO connected to AVDD).
Used as internal reference output when EXTLO = AGND, requires a 0.1-
µF decoupling capacitor to AGND
when used as reference output
EXTLO
38
I
For internal reference connect to AGND. Connect to AVDD to disable the internal reference
HP1
17
I
Filter 1 high-pass setting. Active high
HP2
18
I
Filter 2 high-pass setting. Active high
IOGND
20
I
Input digital ground return
IODVDD
22
I
Input digital supply voltage
IOUT1
43
O
DAC current output. Full scale when all input bits are set 1
IOUT2
42
O
DAC complementary current output. Full scale when all input bits are 0
LPF
35
I
PLL loop filter connection
PLLGND
33
I
Ground return for internal PLL
PLLLOCK
25
O
PLL lock status bit. PLL is locked to input clock when high. Provides output clock equal to the data rate
when the PLL is disabled.
PLLVDD
34
I
Internal PLL supply voltage. Connect to PLLGND to disable PLL clock multiplier.
RESET
26
I
Reset internal registers. Active high
SLEEP
36
I
Asynchronous hardware power-down input. Active high. Internally pull down.
X4
23
I
4
× interpolation mode. Active high. Filter 1 is bypassed when connected to DGND


Numéro de pièce similaire - DAC5674_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC5674IPHP TI1-DAC5674IPHP Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
DAC5674IPHPG4 TI1-DAC5674IPHPG4 Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
DAC5674IPHPR TI1-DAC5674IPHPR Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
DAC5674IPHPRG4 TI1-DAC5674IPHPRG4 Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
More results

Description similaire - DAC5674_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC5674 TI1-DAC5674 Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5671A TI-THS5671A Datasheet
825Kb / 31P
[Old version datasheet]   14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
ADS5474 TI-ADS5474 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675-EP TI1-DAC5675-EP Datasheet
1Mb / 27P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675 TI1-DAC5675 Datasheet
424Kb / 27P
[Old version datasheet]   14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474 TI1-ADS5474_14 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI1-ADS5474_16 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI-ADS5474_08 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5681Z TI-DAC5681Z_15 Datasheet
2Mb / 58P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com