Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC161S997 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce DAC161S997
Description  DAC161S997 16-Bit SPI-Programmable DAC for 4-20 mA Loops
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DAC161S997 Fiches technique(HTML) 2 Page - Texas Instruments

  DAC161S997_15 Datasheet HTML 1Page - Texas Instruments DAC161S997_15 Datasheet HTML 2Page - Texas Instruments DAC161S997_15 Datasheet HTML 3Page - Texas Instruments DAC161S997_15 Datasheet HTML 4Page - Texas Instruments DAC161S997_15 Datasheet HTML 5Page - Texas Instruments DAC161S997_15 Datasheet HTML 6Page - Texas Instruments DAC161S997_15 Datasheet HTML 7Page - Texas Instruments DAC161S997_15 Datasheet HTML 8Page - Texas Instruments DAC161S997_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
DAC161S997
SNAS621A – JUNE 2013 – REVISED DECEMBER 2014
www.ti.com
Table of Contents
8.3
Feature Description................................................... 8
1
Features .................................................................. 1
8.4
Device Functional Modes.......................................... 9
2
Applications ........................................................... 1
8.5
Programming .......................................................... 10
3
Description ............................................................. 1
8.6
Register Maps ......................................................... 13
4
Simplified Schematic............................................. 1
9
Application and Implementation ........................ 17
5
Revision History..................................................... 2
9.1
Application Information............................................ 17
6
Pin Configuration and Functions ......................... 3
9.2
Typical Application ................................................. 23
7
Specifications......................................................... 4
10
Power Supply Recommendations ..................... 29
7.1
Absolute Maximum Ratings ...................................... 4
11
Layout................................................................... 29
7.2
ESD Ratings ............................................................ 4
11.1
Layout Guidelines ................................................. 29
7.3
Recommended Operating Conditions ....................... 4
11.2
Layout Example .................................................... 29
7.4
Thermal Information .................................................. 4
12
Device and Documentation Support ................. 31
7.5
Electrical Characteristics........................................... 5
12.1
Trademarks ........................................................... 31
7.6
Timing Requirements ............................................... 6
12.2
Electrostatic Discharge Caution ............................ 31
7.7
Typical Characteristics .............................................. 7
12.3
Glossary ................................................................ 31
8
Detailed Description .............................................. 8
13
Mechanical, Packaging, and Orderable
8.1
Overview ................................................................... 8
Information ........................................................... 31
8.2
Functional Block Diagram ......................................... 8
5 Revision History
Changes from Original ( June 2013) to Revision A
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
2
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: DAC161S997


Numéro de pièce similaire - DAC161S997_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC161S997EVM TI1-DAC161S997EVM Datasheet
8Mb / 16P
[Old version datasheet]   helps designers evaluate the operation and performance of the DAC161S997 4-20mA Loop Drive with SPI control
DAC161S997RGHR TI-DAC161S997RGHR Datasheet
1Mb / 27P
[Old version datasheet]   16-bit SPI Programmable DAC for 4-20mA Loops
DAC161S997RGHT TI-DAC161S997RGHT Datasheet
1Mb / 27P
[Old version datasheet]   16-bit SPI Programmable DAC for 4-20mA Loops
More results

Description similaire - DAC161S997_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC161S997 TI-DAC161S997 Datasheet
1Mb / 27P
[Old version datasheet]   16-bit SPI Programmable DAC for 4-20mA Loops
DAC161P997 TI-DAC161P997_15 Datasheet
1Mb / 39P
[Old version datasheet]   DAC161P997 Single-Wire 16-bit DAC for 4- to 20-mA Loops
logo
Analog Devices
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
logo
Texas Instruments
DAC161P997 TI1-DAC161P997 Datasheet
870Kb / 34P
[Old version datasheet]   DAC161P997 Single-Wire 16-bit DAC for 4-20mA Loops
logo
Analog Devices
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
UG-250 AD-UG-250 Datasheet
562Kb / 12P
   Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
AD420 AD-AD420_11 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_15 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420ANZ-32 AD-AD420ANZ-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com