Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DL4937 Fiches technique(PDF) 1 Page - Micro Commercial Components

No de pièce DL4937
Description  1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DL4937 Fiches technique(HTML) 1 Page - Micro Commercial Components

  DL4937 Datasheet HTML 1Page - Micro Commercial Components DL4937 Datasheet HTML 2Page - Micro Commercial Components DL4937 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DL4933
THRU
DL4937
1 Amp Glass
Passivated, Fast
Recovery Rectifier
50 to 600 Volts
MELF
SUGGESTED SOLDER
PAD LAYOUT
Features
Glass Passivated Junction
Low Leakage Current
Metalurgically Bonded Construction
Surface Mount Applications
Fast Switching
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.190
.205
4.80
5.20
B
---
.022
---
.55
Nominal
C
.095
.105
2.40
2.67
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Maximum Thermal Resistance; 30
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
DL4933
---
50V
35V
50V
DL4934
---
100V
70V
100V
DL4935
---
200V
140V
200V
DL4936
---
400V
280V
400V
DL4937
---
600V
420V
600V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TA =55
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.3V
IFM = 1.0A;
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
100
µA
TJ = 25
°C
TJ = 125
°C
Maximum Reverse
Recovery Time
Trr
150ns
IF=0.5A,
IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz,
VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
A
B
C
Cathode Mark
.220”
.035”
.115”
          


www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Numéro de pièce similaire - DL4937

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DL4937 DIODES-DL4937 Datasheet
57Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15001 Rev. D-2
logo
SynSemi, Inc.
DL4937 SYNSEMI-DL4937 Datasheet
35Kb / 2P
   Surface Mount Fast Recovery Rectifiers
logo
Diotech Company.
DL4937 DIOTECH-DL4937 Datasheet
906Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
DL4937 MCC-DL4937 Datasheet
300Kb / 4P
   1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
logo
Shenzhen Luguang Electr...
DL4937 LUGUANG-DL4937 Datasheet
185Kb / 2P
   1.0Ampere Recovery Rectifiers Glass Passivated
More results

Description similaire - DL4937

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
DL4933 MCC-DL4933_11 Datasheet
300Kb / 4P
   1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
DL4933_1114 MCC-DL4933_1114 Datasheet
419Kb / 4P
   1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
1N4933GP MCC-1N4933GP Datasheet
164Kb / 3P
   1 Amp Glass Passivated Fast Recovery Rectifier 50 - 600 Volts
1N4933GP MCC-1N4933GP_13 Datasheet
535Kb / 4P
   1 Amp Glass Passivated Fast Recovery Rectifier 50 - 600 Volts
DLSF11 MCC-DLSF11 Datasheet
86Kb / 3P
   1 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
DLSF11 MCC-DLSF11_11 Datasheet
252Kb / 4P
   1 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
SF11M MCC-SF11M Datasheet
257Kb / 4P
   1 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
MUR105GP MCC-MUR105GP_13 Datasheet
406Kb / 4P
   1.0 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
MUR105GP MCC-MUR105GP Datasheet
359Kb / 4P
   1.0 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
UF4001GP MCC-UF4001GP Datasheet
290Kb / 2P
   1 Amp Glass Passivated Ultra Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com