Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5A4624 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TS5A4624
Description  1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TS5A4624 Fiches technique(HTML) 3 Page - Texas Instruments

  TS5A4624_15 Datasheet HTML 1Page - Texas Instruments TS5A4624_15 Datasheet HTML 2Page - Texas Instruments TS5A4624_15 Datasheet HTML 3Page - Texas Instruments TS5A4624_15 Datasheet HTML 4Page - Texas Instruments TS5A4624_15 Datasheet HTML 5Page - Texas Instruments TS5A4624_15 Datasheet HTML 6Page - Texas Instruments TS5A4624_15 Datasheet HTML 7Page - Texas Instruments TS5A4624_15 Datasheet HTML 8Page - Texas Instruments TS5A4624_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
www.ti.com
Absolute Minimum and Maximum Ratings
(1) (2)
TS5A4624
1-
Ω SPDT ANALOG SWITCH
5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
SLYS014A – DECEMBER 2005 – REVISED AUGUST 2006
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V+
Supply voltage range(3)
–0.5
6.5
V
VNO
VNC
Analog voltage range(3)(4)(5)
–0.5
V+ + 0.5
V
VCOM
IK
Analog port diode current
VNC, VNO, VCOM < 0
–50
mA
INO
On-state switch current
–200
200
INC
VNO, VNC, VCOM = 0 to V+
mA
On-state peak switch current(6)
–400
400
ICOM
VI
Digital input voltage range(3)(4)
–0.5
6.5
V
IIK
Digital input clamp current
VI < 0
–50
mA
I+
Continuous current through V+
100
mA
IGND
Continuous current through GND
–100
100
mA
θ
JA
Package thermal impedance(7)
259
°C/W
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(3)
All voltages are with respect to ground, unless otherwise specified.
(4)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(5)
This value is limited to 5.5 V maximum.
(6)
Pulse at 1-ms duration < 10% duty cycle
(7)
The package thermal impedance is calculated in accordance with JESD 51-7.
3
Submit Documentation Feedback


Numéro de pièce similaire - TS5A4624_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A4624 TI1-TS5A4624_14 Datasheet
901Kb / 29P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Description similaire - TS5A4624_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A4624 TI-TS5A4624_09 Datasheet
598Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI1-TS5A4624_14 Datasheet
901Kb / 29P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154 Datasheet
286Kb / 22P
[Old version datasheet]   0.9-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI1-TS5A3159A_14 Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A Datasheet
514Kb / 30P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI-TS5A3160 Datasheet
395Kb / 24P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624 Datasheet
329Kb / 24P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI-TS5A3153 Datasheet
277Kb / 21P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com