Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF1204 Fiches technique(PDF) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No de pièce BF1204
Description  Dual N-channel dual gate MOS-FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Site Internet  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1204 Fiches technique(HTML) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF1204_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1204_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1204_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1204_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1204_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1204_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1204_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1204_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1204_15 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2001 Apr 25
7
Philips Semiconductors
Product specification
Dual N-channel dual gate MOS-FET
BF1204
handbook, halfpage
02
46
40
30
10
0
20
MCD960
VG2-S (V)
IG1
(
µA)
4 V
3.5 V
3 V
4.5 V
VGG = 5 V
Fig.11 Gate 1 current as a function of gate 2
voltage; typical values.
VDS = 5 V; Tj =25 °C.
RG1 = 120 kΩ (connected to VGG); see Fig.19.
handbook, halfpage
01
2
4
0
−50
−10
3
VAGC (V)
gain
reduction
(dB)
−20
−30
−40
MCD961
Fig.12 Typical gain reduction as a function of AGC
voltage; see Fig.19.
VDS = 5 V; VGG = 5 V; RG1 = 120 kΩ;
f = 50 MHz; Tamb =25 °C.
handbook, halfpage
0
gain reduction (dB)
10
50
120
110
90
80
100
20
30
40
MCD962
Vunw
(dB
µV)
Fig.13 Unwanted voltage for 1% cross-modulation
as a function of gain reduction; typical
values; see Fig.19.
VDS = 5 V; VGG = 5 V; RG1 = 120 kΩ;
f= 50 MHz; funw = 60 MHz; Tamb =25 °C.
handbook, halfpage
0
gain reduction (dB)
10
50
16
12
4
0
8
20
30
40
MCD963
ID
(mA)
Fig.14 Drain current as a function of gain
reduction; typical values; see Fig.19.
VDS = 5 V; VGG = 5 V; RG1 = 120 kΩ;
f = 50 MHz; Tamb =25 °C.


Numéro de pièce similaire - BF1204_15

FabricantNo de pièceFiches techniqueDescription
logo
Quanzhou Jinmei Electro...
BF1204_2015 JMNIC-BF1204_2015 Datasheet
116Kb / 12P
   Dual N-channel dual gate MOS-FET
More results

Description similaire - BF1204_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF1102 PHILIPS-BF1102 Datasheet
154Kb / 12P
   Dual N-channel dual gate MOS-FET
1999 Jul 08
BF1203 PHILIPS-BF1203 Datasheet
166Kb / 20P
   Dual N-channel dual gate MOS-FET
2001 Apr 25
logo
Quanzhou Jinmei Electro...
BF1203_2015 JMNIC-BF1203_2015 Datasheet
172Kb / 20P
   Dual N-channel dual gate MOS-FET
logo
NXP Semiconductors
BF1204 PHILIPS-BF1204 Datasheet
110Kb / 12P
   Dual N-channel dual gate MOS-FET
2001 Apr 25
BF1205 PHILIPS-BF1205 Datasheet
185Kb / 24P
   Dual N-channel dual gate MOS-FET
2003 Sep 30
BF1206 PHILIPS-BF1206 Datasheet
186Kb / 21P
   Dual N-channel dual-gate MOS-FET
2003 Nov 17
logo
Quanzhou Jinmei Electro...
BF1205C_2015 JMNIC-BF1205C_2015 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206_2015 JMNIC-BF1206_2015 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
BF1205C JMNIC-BF1205C_15 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206 JMNIC-BF1206_15 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF1205C PHILIPS-BF1205C Datasheet
171Kb / 22P
   Dual N-channel dual gate MOS-FET
Rev. 01-18 May 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com