Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5A3357 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce TS5A3357
Description  SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TS5A3357 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TS5A3357_15 Datasheet HTML 3Page - Texas Instruments TS5A3357_15 Datasheet HTML 4Page - Texas Instruments TS5A3357_15 Datasheet HTML 5Page - Texas Instruments TS5A3357_15 Datasheet HTML 6Page - Texas Instruments TS5A3357_15 Datasheet HTML 7Page - Texas Instruments TS5A3357_15 Datasheet HTML 8Page - Texas Instruments TS5A3357_15 Datasheet HTML 9Page - Texas Instruments TS5A3357_15 Datasheet HTML 10Page - Texas Instruments TS5A3357_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS FOR 2.5-V SUPPLY
(1)
TS5A3357
SINGLE 5-
Ω SP3T ANALOG SWITCH
5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
SCDS177A – OCTOBER 2004 – REVISED DECEMBER 2007
V+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX UNIT
Analog Switch
Analog signal
VCOM, VNO
0
V+
V
range
Peak ON
0
≤ VNO ≤ V+,
Switch ON,
rpeak
Full
2.3 V
50
resistance
ICOM = –8 mA,
See Figure 13
VNO = 0 V,
25
°C
8
12
ICOM = 8 mA
Full
12
ON-state
Switch ON,
ron
2.3 V
resistance
See Figure 13
VNO = 2.3 V,
25
°C
11
30
ICOM = –8 mA
Full
30
ON-state
resistance
VNO = 1.8 V,
Switch ON,
Δron
25
°C
2.3 V
0.3
match between
ICOM = –8 mA,
See Figure 13
channels
ON-state
0
≤ VNO ≤ V+,
Switch ON,
ron(flat)
25
°C
2.5 V
39
resistance flatness
ICOM = –8 mA,
See Figure 13
NO
25
°C
–0.1
0.1
VNO = 0 to V+,
Switch OFF,
OFF leakage
INO(OFF)
2.7 V
µA
VCOM = V+ to 0
See Figure 14
Full
–1
1
current
COM
25
°C
–0.1
0.1
VCOM = 0 to V+,
Switch OFF,
OFF leakage
ICOM(OFF)
2.7 V
µA
VNO = V+ to 0,
See Figure 14
Full
–1
1
current
NO
25
°C
–0.1
0.1
VNO = 0 to V+,
Switch ON,
ON leakage
INO(ON)
2.7 V
µA
VCOM = V+ to 0,
See Figure 14
Full
–1
1
current
COM
25
°C
–0.1
0.1
VNO = Open,
Switch ON,
ON leakage
ICOM(ON)
2.7 V
µA
VCOM = 0 to V+,
See Figure 14
Full
–1
1
current
Digital Control Inputs (IN1, IN2)(2)
Input logic high
VIH
Full
V+ × 0.75
5.5
V
Input logic low
VIL
Full
0
V+ × 0.25
V
25
°C
0.1
Input leakage
IIH, IIL
VI = 5.5 V or 0
2.7 V
µA
current
Full
1
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TS5A3357


Numéro de pièce similaire - TS5A3357_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A3357 TI-TS5A3357_10 Datasheet
846Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI1-TS5A3357_14 Datasheet
997Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH
More results

Description similaire - TS5A3357_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A3357-Q1 TI-TS5A3357-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357_10 Datasheet
846Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI1-TS5A3357-Q1 Datasheet
937Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI1-TS5A3359_14 Datasheet
1Mb / 29P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359_08 Datasheet
901Kb / 26P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357 Datasheet
287Kb / 22P
[Old version datasheet]   SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3359 1-廓 SP3T Bidirectional Analog Switch 5-V/3.3-V Single-Channel 3:1 Multiplexer and Demultiplexer
TS5A3159A TI1-TS5A3159A_14 Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com