Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5A3159-EP Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TS5A3159-EP
Description  1-W SPDT ANALOG SWITCH
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TS5A3159-EP Fiches technique(HTML) 3 Page - Texas Instruments

  TS5A3159-EP_15 Datasheet HTML 1Page - Texas Instruments TS5A3159-EP_15 Datasheet HTML 2Page - Texas Instruments TS5A3159-EP_15 Datasheet HTML 3Page - Texas Instruments TS5A3159-EP_15 Datasheet HTML 4Page - Texas Instruments TS5A3159-EP_15 Datasheet HTML 5Page - Texas Instruments TS5A3159-EP_15 Datasheet HTML 6Page - Texas Instruments TS5A3159-EP_15 Datasheet HTML 7Page - Texas Instruments TS5A3159-EP_15 Datasheet HTML 8Page - Texas Instruments TS5A3159-EP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
www.ti.com
Electrical Characteristics for 5-V Supply
TS5A3159-EP
1-
Ω SPDT ANALOG SWITCH
SCDS217B – DECEMBER 2005 – REVISED JANUARY 2006
V
+ = 4.5 V to 5.5 V (5 V nominal), TA = –55°C to 125°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN TYP(1)
MAX
UNIT
Analog Switch
Analog signal
VCOM,
0
V+
V
range
VNC, VNO
25
°C
1
1.5
Peak ON
0
≤ V
NO or VNC ≤ V+,
Switch ON,
rpeak
4.5 V
resistance
ICOM = –30 mA,
See Figure 11
Full
1.5
25
°C
0.75
1.1
ON-state
VNO or VNC = 2.5 V,
Switch ON,
ron
4.5 V
resistance
ICOM = –30 mA,
See Figure 11
Full
1.3
ON-state
resistance
VNO or VNC = 2.5 V,
Switch ON,
match
∆r
on
25
°C
4.5 V
0.1
ICOM = –30 mA,
See Figure 11
between
channels
0
≤ V
NO or VNC ≤ V+,
0.233
ON-state
ICOM = –30 mA
Switch ON,
resistance
ron(flat)
25
°C
4.5 V
See Figure 11
VNO or VNC = 1 V, 1.5 V, 2.5 V,
flatness
0.15
ICOM = –30 mA
NC, NO
25
°C
–6
0.2
4
INC(OFF),
VNC or VNO = 4.5 V,
Switch OFF,
OFF leakage
5.5 V
nA
INO(OFF)
VCOM = 0,
See Figure 12
Full
–20
60
current
NC, NO
25
°C
–6
2.8
4
INC(ON),
VNC or VNO = 4.5 V,
Switch ON,
ON leakage
5.5 V
nA
INO(ON)
VCOM = Open,
See Figure 13
Full
–40
70
current
COM
25
°C
–4
0.47
7
VNC or VNO = 4.5 V or Open,
Switch ON,
ON leakage
ICOM(ON)
5.5 V
nA
VCOM = 4.5 V,
See Figure 13
Full
–40
80
current
Digital Control Input (IN)
Input logic
VIH
Full
2.4
5.5
V
high
Input logic low
VIL
Full
0
0.8
V
Input leakage
IIH, IIL
VI = 5.5 V or 0
Full
5.5 V
–1
1
µA
current
(1)
TA = 25°C
3
Submit Documentation Feedback


Numéro de pièce similaire - TS5A3159-EP_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A3159-EP TI1-TS5A3159-EP_14 Datasheet
876Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
More results

Description similaire - TS5A3159-EP_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A3159-EP TI1-TS5A3159-EP_14 Datasheet
876Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
TS5A3159 TI-TS5A3159 Datasheet
232Kb / 21P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
[Old version datasheet]   1- SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157_15 Datasheet
317Kb / 11P
   SPDT 1 Analog Switch
logo
Global Mixed-mode Techn...
G3202 GMT-G3202 Datasheet
294Kb / 3P
   1 SPDT Analog Switch
G3202A GMT-G3202A Datasheet
679Kb / 2P
   1 SPDT Analog Switch
logo
Texas Instruments
TS5A3159 TI1-TS5A3159_14 Datasheet
712Kb / 28P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A23157-Q1 TI1-TS5A23157-Q1 Datasheet
276Kb / 17P
[Old version datasheet]   DUAL 15-W SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1_15 Datasheet
923Kb / 25P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP Datasheet
364Kb / 22P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com