Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3DDR32611 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TS3DDR32611
Description  1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TS3DDR32611 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TS3DDR32611_15 Datasheet HTML 5Page - Texas Instruments TS3DDR32611_15 Datasheet HTML 6Page - Texas Instruments TS3DDR32611_15 Datasheet HTML 7Page - Texas Instruments TS3DDR32611_15 Datasheet HTML 8Page - Texas Instruments TS3DDR32611_15 Datasheet HTML 9Page - Texas Instruments TS3DDR32611_15 Datasheet HTML 10Page - Texas Instruments TS3DDR32611_15 Datasheet HTML 11Page - Texas Instruments TS3DDR32611_15 Datasheet HTML 12Page - Texas Instruments TS3DDR32611_15 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TS3DDR32611ZQCR
BGA MICROSTAR
JUNIOR
ZQC
48
2500
336.6
336.6
31.8
PACKAGE MATERIALS INFORMATION
www.ti.com
17-Sep-2014
Pack Materials-Page 2


Numéro de pièce similaire - TS3DDR32611_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS3DDR32611 TI1-TS3DDR32611_14 Datasheet
279Kb / 12P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
More results

Description similaire - TS3DDR32611_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS3DDR32611 TI1-TS3DDR32611_14 Datasheet
279Kb / 12P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TS3DDR32611 TI1-TS3DDR32611 Datasheet
815Kb / 13P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
logo
Anpec Electronics Corop...
APL5338E ANPEC-APL5338E Datasheet
238Kb / 18P
   2A Peak Sink/Source DDR Termination Regulator
logo
Texas Instruments
TPS51200-EP TI1-TPS51200-EP_17 Datasheet
582Kb / 35P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1_1812 TI1-TPS51200A-Q1_1812 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1 TI1-TPS51200A-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
logo
SG Micro Corp
SGM2054 SGMICRO-SGM2054 Datasheet
737Kb / 14P
   Sink and Source DDR Termination Regulator
JANUARY2022 - REV.A
logo
Texas Instruments
TPS51200-Q1 TI1-TPS51200-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200-EP TI1-TPS51200-EP Datasheet
395Kb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
logo
Richtek Technology Corp...
RT9173D RICHTEK-RT9173D Datasheet
223Kb / 13P
   Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com