Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3A44159 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TS3A44159
Description  TS3A44159 0.45-廓 Quad SPDT Analog Switch 4-Channel 2:1 Multiplexer ??Demultiplexer With Two Controls
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TS3A44159 Fiches technique(HTML) 5 Page - Texas Instruments

  TS3A44159_15 Datasheet HTML 1Page - Texas Instruments TS3A44159_15 Datasheet HTML 2Page - Texas Instruments TS3A44159_15 Datasheet HTML 3Page - Texas Instruments TS3A44159_15 Datasheet HTML 4Page - Texas Instruments TS3A44159_15 Datasheet HTML 5Page - Texas Instruments TS3A44159_15 Datasheet HTML 6Page - Texas Instruments TS3A44159_15 Datasheet HTML 7Page - Texas Instruments TS3A44159_15 Datasheet HTML 8Page - Texas Instruments TS3A44159_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
TS3A44159
www.ti.com
SCDS225B – MARCH 2007 – REVISED JANUARY 2015
6.4 Thermal Information
TS3A44159
THERMAL METRIC(1)
PW
RGT
RSV
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
108.0
45.4
107.1
RθJC(top)
Junction-to-case (top) thermal resistance
43.0
58.1
41.2
RθJB
Junction-to-board thermal resistance
53.1
18.6
43.6
°C/W
ψJT
Junction-to-top characterization parameter
4.6
1.1
1.1
ψJB
Junction-to-board characterization parameter
52.5
18.6
43.6
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
3.9
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics for 1.8-V Supply
VCC = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
ANALOG SWITCH
VCOM,
Analog signal
0
VCC
V
VNO, VNC
range
25°C
0.5
0.7
ON-state
VNO or VNC = 1.5 V,
Switch ON,
Ron
1.65 V
resistance
ICOM = –100 mA,
See Figure 16
Full
0.8
ON-state
25°C
0.05
0.07
VNO or VNC = 1.5 V,
resistance match
Switch ON,
ΔRon
0.6 V
1.65 V
between
See Figure 16
Full
0.1
ICOM = –100 mA,
channels
VNO or VNC = 1.5 V,
25°C
0.5
0.7
ON-state
0.6 V
Switch ON,
Ron(flat)
resistance
1.65 V
1.5 V, 2.5 V,
See Figure 16
Full
0.8
flatness
ICOM = –100 mA,
VNO or VNC = 0.3 V,
25°C
–10
0.5
10
NC, NO
VCOM = 1.65 V,
INO(OFF),
OFF leakage
or
See Figure 17
1.95 V
nA
INC(OFF)
Full
–20
20
current
VNO or VNC = 1.65 V,
VCOM = 0.3 V,
VNO or VNC = 0.3 V,
25°C
–10
0.1
10
NC, NO
VCOM = Open,
INO(ON),
ON leakage
or
See Figure 18
1.95 V
nA
INC(ON)
Full
–20
20
current
VNO or VNC = 1.65 V,
VCOM = Open,
VNO or VNC = Open,
25°C
–10
0.1
10
COM
VCOM = 0.3V,
ICOM(ON)
ON leakage
or
See Figure 18
1.95 V
nA
Full
–20
20
current
VNO or VNC = Open,
VCOM = 1.65 V,
DIGITAL CONTROL INPUTS (IN1-2, IN3-4)(2)
VIH
Input logic high
Full
1
4.3
V
VIL
Input logic low
Full
0
0.4
V
25°C
0.5
10
Input leakage
IIH, IIL
VIN = 3.6 V or 0
1.95 V
nA
current
Full
50
DYNAMIC
25°C
1.8 V
40
70
VCOM = VCC,
tON
Turn-on time
CL = 35 pF
ns
1.65 V to
RL = 50 Ω,
Full
75
1.95 V
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, SCBA004.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TS3A44159


Numéro de pièce similaire - TS3A44159_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS3A44159 TI-TS3A44159_10 Datasheet
994Kb / 30P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI1-TS3A44159_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
More results

Description similaire - TS3A44159_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS3A44159 TI-TS3A44159_10 Datasheet
994Kb / 30P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI-TS3A44159_08 Datasheet
1,005Kb / 29P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI1-TS3A44159_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159-DIE TI-TS3A44159-DIE_15 Datasheet
66Kb / 6P
[Old version datasheet]   TS3A44159-DIE Quad SPDT Analog Switch Quad-Channel 2:1 Multiplexer/Demultiplexer With Two Controls
TS3A44159 TI-TS3A44159 Datasheet
966Kb / 29P
[Old version datasheet]   0.45-W QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS5A9411 TI-TS5A9411_09 Datasheet
613Kb / 22P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI-TS5A9411_15 Datasheet
864Kb / 23P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI-TS5A9411 Datasheet
490Kb / 21P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI1-TS5A9411_14 Datasheet
915Kb / 24P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI-TS3A24159_08 Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com