Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3A27518E Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TS3A27518E
Description  6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TS3A27518E Fiches technique(HTML) 1 Page - Texas Instruments

  TS3A27518E_15 Datasheet HTML 1Page - Texas Instruments TS3A27518E_15 Datasheet HTML 2Page - Texas Instruments TS3A27518E_15 Datasheet HTML 3Page - Texas Instruments TS3A27518E_15 Datasheet HTML 4Page - Texas Instruments TS3A27518E_15 Datasheet HTML 5Page - Texas Instruments TS3A27518E_15 Datasheet HTML 6Page - Texas Instruments TS3A27518E_15 Datasheet HTML 7Page - Texas Instruments TS3A27518E_15 Datasheet HTML 8Page - Texas Instruments TS3A27518E_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
FEATURES
APPLICATIONS
N.C. – Notinternallyconnected
RTWPACKAGE
(TOP VIEW)
COM3
COM2
COM1
V
+
GND
COM4
NO5
NO4
NO6
NC4
NC5
EN
1
2
3
4
5
6
7
24
8
23
15
14
13
12
19
11
20
10
21
9
22
16
17
18
1
24
2
23
3
22
4
21
5
20
6
19
7
18
8
17
9
16
10
15
11
14
12
13
PW PACKAGE
(TOP VIEW)
IN1
NC3
NC6
NC4
EN
NC5
NO5
NO4
NO6
NO3
IN2
NO2
NC2
NC1
N.C.
COM1
GND
COM2
COM3
V
+
COM4
COM5
NO1
COM6
ZQSPACKAGE
(TOP VIEW)
1
2
3
4
5
A
B
C
D
E
TS3A27518E
www.ti.com........................................................................................................................................................... SCDS260B – MARCH 2009 – REVISED MAY 2009
6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD
AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
• 1.65-V to 3.6-V Single-Supply Operation
• Isolation in Powerdown Mode, V
+ = 0
• Low Capacitance Switches, 21.5 pF (Typical)
• Bandwidth up to 240 MHz for High-Speed
Rail-to-Rail Signal Handling
• Crosstalk and Off Isolation of -62dB
• 1.8-V Logic Threshold Compatibility for
Control Inputs
• 3.6-V Tolerant Control Inputs
• Latch-Up Performance Exceeds 100-mA Per
JESD 78, Class II
• ESD Performance Tested Per JESD 22
2500-V Human-Body Model
(A114-B, Class II)
1500-V Charged-Device Model (C101)
• ESD Performance: NC/NO Ports
±6-kV Contact Discharge (IEC 61000-4-2)
• 24-QFN (4 × 4 mm), 24-BGA (3 × 3 mm) and
24-TSSOP (7.9 × 6.6 mm) Packages
• SD/SDIO and MMC Two Port MUX
• PC VGA Video MUX/Video Systems
• Audio and Video Signal Routing
ZQS PIN ASSIGNMENTS
1
2
3
4
5
A
COM1
NC2
N.C.
NC3
NC6
B
COM2
NC1
IN1
NC4
C
COM3
V+
GND
EN
NC5
D
COM4
COM6
IN2
NO5
NO4
E
COM5
NO1
NO2
NO3
NO6
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TS3A27518E_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS3A27518E TI1-TS3A27518E_16 Datasheet
1Mb / 35P
[Old version datasheet]   6-Channel, 1:2 Multiplexer/Demultiplexer
More results

Description similaire - TS3A27518E_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS3A27518E-Q1 TI1-TS3A27518E-Q1 Datasheet
956Kb / 30P
[Old version datasheet]   6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
TS3A27518E TI-TS3A27518E Datasheet
928Kb / 26P
[Old version datasheet]   6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
logo
Toshiba Semiconductor
TC7MBL3257CFT TOSHIBA-TC7MBL3257CFT Datasheet
241Kb / 12P
   4-Bit 1-of-2 Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74CBT3257 UTC-U74CBT3257 Datasheet
201Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER/ DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
logo
Texas Instruments
SN74CB3T3257 TI1-SN74CB3T3257_15 Datasheet
547Kb / 16P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74CBT3257 RENESAS-HD74CBT3257 Datasheet
236Kb / 13P
   4-bit 1-of-2 FET Multiplexer / Demultiplexer
logo
Texas Instruments
SN74CBT3257 TI-SN74CBT3257 Datasheet
361Kb / 12P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3Q3257 TI-SN74CB3Q3257 Datasheet
336Kb / 13P
[Old version datasheet]   4 BIT 1 OF 2 FET MULTIPLEXER/ DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com