Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3A5018 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TS3A5018
Description  TS3A5018 10-廓 Quad SPDT Analog Switch
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TS3A5018 Fiches technique(HTML) 1 Page - Texas Instruments

  TS3A5018_15 Datasheet HTML 1Page - Texas Instruments TS3A5018_15 Datasheet HTML 2Page - Texas Instruments TS3A5018_15 Datasheet HTML 3Page - Texas Instruments TS3A5018_15 Datasheet HTML 4Page - Texas Instruments TS3A5018_15 Datasheet HTML 5Page - Texas Instruments TS3A5018_15 Datasheet HTML 6Page - Texas Instruments TS3A5018_15 Datasheet HTML 7Page - Texas Instruments TS3A5018_15 Datasheet HTML 8Page - Texas Instruments TS3A5018_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
NC
COM
IN
NO
EN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TS3A5018
SCDS189G – JANUARY 2005 – REVISED MARCH 2015
TS3A5018 10-
Ω Quad SPDT Analog Switch
1 Features
3 Description
The TS3A5018 device is a quad single-pole double-
1
Low ON-State Resistance (10
Ω)
throw (SPDT) analog switch that is designed to
Low Charge Injection
operate from 1.8 V to 3.6 V. This device can handle
Excellent ON-State Resistance Matching
digital and analog signals, and signals up to V+ can
be transmitted in either direction.
Low Total Harmonic Distortion (THD)
1.8-V to 3.6-V Single-Supply Operation
Device Information(1)
Latch-Up Performance Exceeds 100 mA Per
PART NUMBER
PACKAGE
BODY SIZE (NOM)
JESD 78, Class II
SOIC (16)
9.90 mm × 6.00 mm
ESD Performance Tested Per JESD 22
SSOP (16)
6.00 mm × 4.90 mm
2000-V Human-Body Mode (A114-B, Class II)
TSSOP (16)
5.00 mm × 4.40 mm
TS3A5018
1000-V Charged-Device Model (C101)
TVSOP (16)
4.40 mm × 3.60 mm
UQFN (16)
2.50 mm × 1.80 mm
2 Applications
VQFN (16)
4.00 mm × 3.50 mm
Sample-and-Hold Circuits
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Battery-Powered Equipment
Audio and Video Signal Routing
Communication Circuits
Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Numéro de pièce similaire - TS3A5018_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI1-TS3A5018_14 Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
More results

Description similaire - TS3A5018_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI1-TS3A5018_14 Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3204 GMT-G3204 Datasheet
105Kb / 1P
   Quad 10 SPDT Analog Switch
logo
Texas Instruments
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A3157 TI-TS5A3157_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3157 10-廓 SPDT Analog Switch
TS3A5018 TI-TS3A5018 Datasheet
350Kb / 19P
[Old version datasheet]   10 OHM QUAD SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com