Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA7368PL-G09-T Fiches technique(PDF) 4 Page - Unisonic Technologies

No de pièce TA7368PL-G09-T
Description  0.6W AUDIO POWER AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TA7368PL-G09-T Fiches technique(HTML) 4 Page - Unisonic Technologies

  TA7368PL-G09-T Datasheet HTML 1Page - Unisonic Technologies TA7368PL-G09-T Datasheet HTML 2Page - Unisonic Technologies TA7368PL-G09-T Datasheet HTML 3Page - Unisonic Technologies TA7368PL-G09-T Datasheet HTML 4Page - Unisonic Technologies TA7368PL-G09-T Datasheet HTML 5Page - Unisonic Technologies TA7368PL-G09-T Datasheet HTML 6Page - Unisonic Technologies TA7368PL-G09-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TA7368P
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R107-009.F
ABSOLUTE MAXIMUN RATINGS (TA=25C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
14
V
Power Dissipation
DIP-8
PD
900
mW
SIP-9
950
SOP-8/SSOP-10
400
Operating Temperature
TOPR
-20 ~ +75
C
Storage Temperature
TSTG
-55 ~ +150
C
Note:1.
2.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Derated Ta>25
C, in the proportion of 7.2mW/C
ELECTRONIC CHARACTERISTICS
(TA=25C, VCC=6V, f=1kHz, Rg=600Ω, RL=4Ω, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent Circuit Current
ICCQ
VCC=3V,VIN=0
5.5
mA
VCC=9V,VIN=0
6.6
18
VCC=14V,VIN=0
7.5
21
Voltage Gain
GV
VIN=0.5mVrms
37
40
43
dB
Output Power
POUT
VCC=3V,RL=4Ω,THD=10%
120
mW
VCC=6V,RL=4Ω,THD=10%
500
720
VCC=9V,RL=8Ω,THD=10%
800
1100
Total Harmonic Distortion
THD
POUT=100mW
0.3
1
%
Output Noise Voltage
eN
RG=10kΩ,BPF=20Hz~20kHz
0.2
0.5
mVrms
Ripple Rejection
RR
fR=100Hz, VR=0.3Vrms,Crip=0
25
dB
Input Resistance
RIN
27
kΩ
TERMINAL DC VOLTAGE
Typical terminal DC Voltage at no signal with test circuit (VCC=6V, TA=25C)
Pin No.
1
2
3
4
5
6
7
8
9
10
SOP-8/DIP-8
0
2.40
0.62
0.64
0
0
2.61
6.0
-
-
SIP-9
0
2.40
0.62
0.64
0
0
2.61
NC
6.0
-
SSOP-10
NC
6.0
NC
0
2.40
0.62
0.64
0
0
2.61


Numéro de pièce similaire - TA7368PL-G09-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
TA7368PL-G09-T UTC-TA7368PL-G09-T Datasheet
220Kb / 7P
   0.6W AUDIO POWER AMPLIFIER
More results

Description similaire - TA7368PL-G09-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
TA7368P UTC-TA7368P Datasheet
211Kb / 7P
   0.6W AUDIO POWER AMPLIFIER
TA7368P UTC-TA7368P_10 Datasheet
220Kb / 7P
   0.6W AUDIO POWER AMPLIFIER
UTCTA7368P UTC-UTCTA7368P Datasheet
27Kb / 3P
   0.6W AUDIO POWER AMPLIFIER
logo
Tyco Electronics
MAAPGM0026-DIE MACOM-MAAPGM0026-DIE Datasheet
186Kb / 5P
   Amplifier, Power, 0.6W 1.5-3.3 GHz
logo
List of Unclassifed Man...
TMPA221DS ETC2-TMPA221DS Datasheet
261Kb / 17P
   2.7W 0.6W x 2 2.1 Channel CLASS-D AUDIO POWER AMPLIFIER
logo
LIGITEK electronics co....
LGXW-521E-TR1-D01 LIGITEK-LGXW-521E-TR1-D01 Datasheet
213Kb / 14P
   0.6W Power Light LED
LG-5630WKZ-DT-2-WW-D01 LIGITEK-LG-5630WKZ-DT-2-WW-D01 Datasheet
203Kb / 16P
   0.6W Power Light LED
LG-5630WKZ-DT-2-CW-D01 LIGITEK-LG-5630WKZ-DT-2-CW-D01 Datasheet
320Kb / 16P
   0.6W Power Light LED
LG-5630WKZ-DT-1-WW-D01 LIGITEK-LG-5630WKZ-DT-1-WW-D01 Datasheet
335Kb / 16P
   0.6W Power Light LED
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com