Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAP70-03_N Fiches technique(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No de pièce BAP70-03_N
Description  Silicon PIN diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Site Internet  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BAP70-03_N Fiches technique(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BAP70-03_N_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP70-03_N_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP70-03_N_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP70-03_N_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP70-03_N_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP70-03_N_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2002 Jun 26
2
Philips Semiconductors
Preliminary specification
Silicon PIN diode
BAP70-03
FEATURES
• High voltage, current controlled RF resistor for
attanuators
• Low diode capacitance
• Very low series inductance.
APPLICATIONS
• RF attenuators
• (SAT) TV applications.
DESCRIPTION
Planar PIN diode in a SOD323 small plastic SMD
package.
PINNING
PIN
DESCRIPTION
1
cathode
2
anode
handbook, halfpage
12
MAM406
Marking code: A9
Fig.1 Simplified outline (SOD323) and symbol.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
ELECTRICAL CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VR
continuous reverse voltage
50
V
IF
continuous forward current
100
mA
Ptot
total power dissipation
Ts =90 °C
500
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
IF =50mA
0.9
1.1
V
IR
reverse leakage current
VR =30V
−−
20
nA
Cd
diode capacitance
VR =0V; f=1MHz
570
fF
VR =1V; f=1MHz
400
fF
VR =5V; f=1MHz
270
fF
VR =20V; f=1MHz
200
250
fF
rD
diode forward resistance IF =0.5 mA; f=100MHz
77
100
IF =1mA; f=100MHz
40
50
IF =10mA; f=100MHz
5.4
7
IF = 100 mA; f = 100 MHz
1.4
1.9
τ
L
charge carrier life time
when switched from IF =10mA to IR =6mA;
RL = 100 Ω; measured at IR =3mA
1.25
−µs
LS
series inductance
IF = 100 mA; f = 100 MHz
1.5
nH


Numéro de pièce similaire - BAP70-03_N_15

FabricantNo de pièceFiches techniqueDescription
logo
Quanzhou Jinmei Electro...
BAP70-03_N_2015 JMNIC-BAP70-03_N_2015 Datasheet
51Kb / 6P
   Silicon PIN diode
More results

Description similaire - BAP70-03_N_15

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com