Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDC1011PWR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TDC1011PWR
Description  TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TDC1011PWR Fiches technique(HTML) 5 Page - Texas Instruments

  TDC1011PWR Datasheet HTML 1Page - Texas Instruments TDC1011PWR Datasheet HTML 2Page - Texas Instruments TDC1011PWR Datasheet HTML 3Page - Texas Instruments TDC1011PWR Datasheet HTML 4Page - Texas Instruments TDC1011PWR Datasheet HTML 5Page - Texas Instruments TDC1011PWR Datasheet HTML 6Page - Texas Instruments TDC1011PWR Datasheet HTML 7Page - Texas Instruments TDC1011PWR Datasheet HTML 8Page - Texas Instruments TDC1011PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
TDC1011
www.ti.com
SNAS662 – JULY 2015
6.5 Electrical Characteristics
The electrical ratings specified in this section apply to all specifications in this document, unless otherwise noted. These
specifications are interpreted as conditions that do not degrade the device parametric or functional specifications for the life of
the product containing it. TA = 25°C, VDD = VIO = 3.7 V, VCOM = VCM = VDD / 2, CVCOM = 10 nF (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TRANSMITTER SIGNAL PATH (TX)
HIGH
VDD – 0.32
V
VOUT(TX)
Output voltage swing
ƒout = 1 MHz, RL = 75 Ω to VCM
LOW
0.32
V
IOUT(TX)
Output drive current
ƒout = 1 MHz, RL = 75 Ω to VCM
22
mARMS
ƒCLKIN = 8 MHz, divide-by-2 (programmable;
ƒOUT(TX)
Output TX frequency
4
MHz
see Transmitter Signal Path)
RECEIVER SIGNAL PATH (RX)
LNA capacitive feedback, GPGA = 6 dB, ƒIN = 1
STOP cycle-to-cycle
ΔtSTOP
MHz, VIN = 100 mVPP, CVCOM = 1 µF and
50
psRMS
jitter
Figure 14
LNA
Capacitive feedback, CIN = 300 pF, ƒIN = 1
GLNA
LNA gain
20
dB
MHz, RL = 100 kΩ to VCM, CVCOM = 1 µF
LNA input referred
Capacitive feedback, CIN = 300 pF, ƒ = 1 MHz,
enLNA
2
nV/
√Hz
noise density
VDD = 3.1 V, VIN = VCM, RL = ∞, CVCOM = 1 µF
HIGH
VCM + (VCM – 0.24) / (GLNA)
V
Resistive feedback, RL = 1 kΩ to
VIN(LNA)
Input voltage range
VCM, CVCOM = 1 µF
LOW
VCM – (VCM – 0.24) / (GLNA)
V
HIGH
VDD – 0.24
V
Resistive feedback, RL = 1 kΩ to
VOUT(LNA)
Output voltage range
VCM, CVCOM = 1 µF
LOW
GND + 0.24
V
Resistive feedback, RL = 1 kΩ to VCM, 100mV
SRLNA
Slew rate(1)
9
V/
μs
step, CVCOM = 1 µF
Capacitive feedback, CIN = 300 pF, RL= 100 kΩ
BWLNA
–3-dB bandwidth
5
MHz
to VCM, CVCOM = 1 µF
LNA input offset
VOS(LNA)
Resistive mode, VIN = VCM, RL = ∞
±320
µV
voltage
VCOM
VCOM
VCOM output voltage
VCM
V
CVCOM = 1 µF
VCOM output error
0.5%
PGA
HIGH
VCM + (VCM – 0.06) / (GPGA)
V
RL = 100 kΩ to VCM, CL = 10 pF
VIN(PGA)
PGA input range
to GND
LOW
VCM – (VCM – 0.06) / (GPGA)
V
GPGAMIN
PGA min gain
0
dB
GPGAMAX
PGA max gain
DC, RL = ∞, CL = 10 pF
21
dB
ΔGPGA
PGA gain step size
3
dB
GE(PGA)
PGA gain error
DC, GPGA = 0 dB, RL = ∞, CL = 10 pF
5%
PGA gain temperature
TCGPGA
DC, GPGA = 0 dB, RL = ∞, CL = 10 pF
170
ppm/°C
coefficient
PGA input referred
GPGA = 21 dB, ƒ = 1 MHz, VDD = 3.1V, VIN =
enPGA
3.1
nV/
√Hz
noise density
VCM, RL = ∞, CVCOM = 1 µF
HIGH
VDD – 0.06
V
RL = 100 kΩ to VCM, CL = 10 pF
VOUT(PGA)
Output range
to GND
LOW
60
mV
GPGA = 21 dB, RL = 100 kΩ to VCM, CL = 10
BWPGA
–3-db bandwidth
5
MHz
pF, CVCOM = 1 µF
GPGA = 21 dB, RL = 100 kΩ to VCM, CL = 10
SRPGA
Slew rate(1)
12.5
V/µs
pF, CVCOM = 1 µF
(1)
The slew rate is measured from 10% to 90% and is represented by the average of the rising and falling slew rates.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TDC1011


Numéro de pièce similaire - TDC1011PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TDC1011-Q1 TI-TDC1011-Q1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1011QPWQ1 TI-TDC1011QPWQ1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1011QPWRQ1 TI-TDC1011QPWRQ1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
More results

Description similaire - TDC1011PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
[Old version datasheet]   TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
LMP91050 TI1-LMP91050_15 Datasheet
1Mb / 28P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
logo
Amphenol Corporation
NPI-12 AMPHENOL-NPI-12 Datasheet
70Kb / 4P
   Level sensing
logo
Texas Instruments
LMP91200 TI1-LMP91200 Datasheet
405Kb / 25P
[Old version datasheet]   Configurable AFE for Low-Power Chemical Sensing Applications
LMP91200 TI1-LMP91200_16 Datasheet
986Kb / 24P
[Old version datasheet]   Configurable AFE for Low-Power Chemical-Sensing Applications
LMP91050 TI1-LMP91050 Datasheet
653Kb / 19P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91051 TI-LMP91051 Datasheet
1Mb / 23P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
logo
ams AG
AS7000 AMSCO-AS7000 Datasheet
1Mb / 92P
   The AS7000 device provides a flexible analog front end for light sensing applications
logo
Texas Instruments
MSP430FR6047 TI1-MSP430FR6047_18 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com