Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPT9221ZVM Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce OPT9221ZVM
Description  OPT9221 Time-of-Flight Controller
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

OPT9221ZVM Fiches technique(HTML) 4 Page - Texas Instruments

  OPT9221ZVM Datasheet HTML 1Page - Texas Instruments OPT9221ZVM Datasheet HTML 2Page - Texas Instruments OPT9221ZVM Datasheet HTML 3Page - Texas Instruments OPT9221ZVM Datasheet HTML 4Page - Texas Instruments OPT9221ZVM Datasheet HTML 5Page - Texas Instruments OPT9221ZVM Datasheet HTML 6Page - Texas Instruments OPT9221ZVM Datasheet HTML 7Page - Texas Instruments OPT9221ZVM Datasheet HTML 8Page - Texas Instruments OPT9221ZVM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 104 page
background image
OPT9221
SBAS703A – JUNE 2015 – REVISED JUNE 2015
www.ti.com
Pin Functions (continued)
PIN
I/O
I/O
I/O BANK
DESCRIPTION
STANDARD
NAME
NO.
CAP_BIT_CLKM
M16
Input
LVDS
VCCIO5
Sensor data bit clk
CAP_BIT_CLKP
M15
Input
LVDS
VCCIO5
Sensor data bit clk
CAP_DATA_DIFF_0M
N16
Input
LVDS
VCCIO5
Sensor differential data ch 0
CAP_DATA_DIFF_0P
N15
Input
LVDS
VCCIO5
Sensor differential data ch 0
CAP_DATA_DIFF_1M
K16
Input
LVDS
VCCIO5
Sensor differential data ch 1
CAP_DATA_DIFF_1P
K15
Input
LVDS
VCCIO5
Sensor differential data ch 1
CAP_DATA_SUM_M
J16
Input
LVDS
VCCIO5
Sensor common mode data
CAP_DATA_SUM_P
J15
Input
LVDS
VCCIO5
Sensor common mode data
CAP_FRM_CLKM
P16
Input
LVDS
VCCIO5
Sensor sample clk
CAP_FRM_CLKP
R16
Input
LVDS
VCCIO5
Sensor sample clk
Feedback signal from the external illumination modulation
COMP_MOD_FB
E16
Input
3.3 V
VCCIO6
feedback comparator.
Reference modulation signal for measuring external
COMP_MOD_REF
F16
Output
3.3 V
VCCIO6
illumination modulation feedback comparator delay.
SSTL-18
DDR2_ADDR_0
L11
Output
VCCIO4
DDR address signal 0
Class I
SSTL-18
DDR2_ADDR_1
L9
Output
VCCIO4
DDR address signal 1
Class I
SSTL-18
DDR2_ADDR_2
K10
Output
VCCIO4
DDR address signal 2
Class I
SSTL-18
DDR2_ADDR_3
K9
Output
VCCIO4
DDR address signal 3
Class I
SSTL-18
DDR2_ADDR_4
M11
Output
VCCIO4
DDR address signal 4
Class I
SSTL-18
DDR2_ADDR_5
M9
Output
VCCIO4
DDR address signal 5
Class I
SSTL-18
DDR2_ADDR_6
L10
Output
VCCIO4
DDR address signal 6
Class I
SSTL-18
DDR2_ADDR_7
T6
Output
VCCIO3
DDR address signal 7
Class I
SSTL-18
DDR2_ADDR_8
N11
Output
VCCIO4
DDR address signal 8
Class I
SSTL-18
DDR2_ADDR_9
P9
Output
VCCIO4
DDR address signal 9
Class I
SSTL-18
DDR2_ADDR_10
N3
Output
VCCIO3
DDR address signal 10
Class I
SSTL-18
DDR2_ADDR_11
M10
Output
VCCIO4
DDR address signal 11
Class I
SSTL-18
DDR2_ADDR_12
T5
Output
VCCIO3
DDR address signal 12
Class I
SSTL-18
DDR2_BA_0
R4
Output
VCCIO3
DDR bank signal
Class I
SSTL-18
DDR2_BA_1
T4
Output
VCCIO3
DDR bank signal
Class I
SSTL-18
DDR2_CASZ
T11
Output
VCCIO4
DDR CAS
Class I
SSTL-18
DDR2_CKE
T2
Output
VCCIO3
DDR clock enable
Class I
SSTL-18
DDR2_CLK_0
R14
Output
VCCIO4
DDR clock
Class I
SSTL-18
DDR2_CLKz_0
P14
Output
VCCIO4
DDR clock
Class I
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: OPT9221


Numéro de pièce similaire - OPT9221ZVM

FabricantNo de pièceFiches techniqueDescription
logo
ATGBICS by Approved Tec...
OPT-0025-00-C ATGBICS-OPT-0025-00-C Datasheet
592Kb / 15P
   OPT-0025-00 F5 Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
logo
Delta Electronics, Inc.
OPT-1250A1F1 DELTA-OPT-1250A1F1 Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
OPT-1250A1F1A DELTA-OPT-1250A1F1A Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
OPT-1250A1F1AH DELTA-OPT-1250A1F1AH Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
OPT-1250A1F1B DELTA-OPT-1250A1F1B Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
More results

Description similaire - OPT9221ZVM

FabricantNo de pièceFiches techniqueDescription
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
   Time-of-Flight Sensor
v2-00 2023-Feb-21
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
   Time-of-Flight Sensor
2019-July-22
logo
Texas Instruments
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75123 MELEXIS-MLX75123 Datasheet
2Mb / 48P
   Time-of-Flight Companion Chip
logo
Texas Instruments
OPT8241 TI1-OPT8241_17 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75023 MELEXIS-MLX75023 Datasheet
1Mb / 27P
   Time-of-Flight Sensor Array
logo
Texas Instruments
OPT8320 TI1-OPT8320 Datasheet
1Mb / 88P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
OPT8320 TI-OPT8320_V01 Datasheet
563Kb / 12P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
logo
Analog Devices
ADTF3175 AD-ADTF3175_V01 Datasheet
150Kb / 2P
   1 MegaPixel Time-of-Flight Module
Rev. Sp0
logo
Melexis Microelectronic...
EVK75123 MELEXIS-EVK75123 Datasheet
726Kb / 2P
   TIME-OF-FLIGHT CHIPSET EVALUATION KIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com