Moteur de recherche de fiches techniques de composants électroniques |
|
IRSM505-065 Fiches technique(PDF) 3 Page - International Rectifier |
|
IRSM505-065 Fiches technique(HTML) 3 Page - International Rectifier |
3 / 15 page IRSM505-065 IRSM515-065 Series 3 www.irf.com © 2014 International Rectifier November 24, 2014 Recommended Operating Conditions Symbol Description Min Max Unit V+ Positive DC Bus Input Voltage --- 400 V VS1,2,3 High Side Floating Supply Offset Voltage (Note 2) 400 V VB1,2,3 High Side Floating Supply Voltage VS+12 VS+20 V VCC Low Side and Logic Supply Voltage 13.5 16.5 V VIN Input Voltage of LIN, HIN, ITRIP, EN, FLT 0 5 V Fp PWM Carrier Frequency --- 20 kHz Note 2: Logic operational for Vs from COM-8V to COM+500V. Logic state held for Vs from COM-8V to COM-VBS. Static Electrical Characteristics (VCC-COM) = (VB-VS) = 15 V. TC = 25 oC unless otherwise specified. The V IN and IIN parameters are referenced to COM and are applicable to all six channels. The VCC UV parameters are referenced to COM. The VBSUV parameters are referenced to VS. Symbol Description Min Typ Max Units Conditions BVDSS Drain-to-Source Breakdown Voltage 500 --- --- V TJ=25°C, ILK=250µA ILKH Leakage Current of High Side FET 12 µA TJ=25°C, VDS=500V ILKL Leakage Current of Low Side FET Plus Gate Drive IC 14 µA TJ=25°C, VDS=500V RDS(on) Drain to Source ON Resistance --- 1.0 1.3 Ω TJ=25°C, VCC=15V, Id = 1.2A --- 2.8 --- Ω TJ=150°C, VCC=15V, Id = 1A (Note 3) VSD Mosfet Body Diode Forward Voltage --- 0.8 --- V TJ=25°C, VCC=15V, ID=1.2A VIN,th+ Positive Going Input Threshold 2.2 --- --- V VIN,th- Negative Going Input Threshold --- --- 0.8 V VCCUV+, VBSUV+ VCC and VBS Supply Under-Voltage, Positive Going Threshold 8 8.9 9.8 V VCCUV-, VBSUV- VCC and VBS supply Under-Voltage, Negative Going Threshold 6.9 7.7 8.5 V VCCUVH, VBSUVH VCC and VBS Supply Under-Voltage Lock-Out Hysteresis --- 1.2 --- V IQBS Quiescent VBS Supply Current VIN=0V --- 42 60 µA IQBS, ON Quiescent VBS Supply Current VIN=4V --- 42 60 µA IQCC Quiescent VCC Supply Current VIN=0V --- 1.7 4 mA IQCC, ON Quiescent VCC Supply Current VIN=4V --- 1.8 4 mA IIN+ Input Bias Current VIN=4V --- 5.9 18 µA VIN=3.3V IIN- Input Bias Current VIN=0V --- --- 2 µA VIN=0V RBR Internal Bootstrap Equivalent Resistor Value --- 250 --- Ω TJ=25°C Note 3: Characterized, not tested at manufacturing |
Numéro de pièce similaire - IRSM505-065_15 |
|
Description similaire - IRSM505-065_15 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |