Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UF15AC23-__L Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce UF15AC23-__L
Description  AC AXIAL FANS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

UF15AC23-__L Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  UF15AC23-__L Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
UF15AC series
.70
.60
.40
.20
050
100
150
200
250
AIR FLOW (CFM)
.80
H
.50
.30
.10
L
LEAD WIRE TYPE
TERMINAL TYPE
1.50 ±0.02
(38 ±0.5)
1.26
(32)
2.15
(54.5)
(24) 1.99
(50.5)
14.96
(380)
ø0.16 ±0.01
(ø4.2 ±0.2)
ø5.75
(ø146)
6.77 ±0.02
(172 ±0.5)
6.38 ±0.01
(162 ±0.3)
0.12
(3)
0.31
(8)
(172 x 150 x 38 mm)
6.77 x 5.91 x 1.50 inches
Operating voltage: 115 or 230 VAC
Construction:
aluminum die cast frame;
UL94V-0 PBT impeller
Bearing option:
ball bearing
Motor:
permanent split capacitor
Air Flow:
exhaust over struts
Connection:
terminal or 22 AWG lead wire
Protection:
thermal
Model No.
Rated
Voltage
V
Freq.
HZ
Input
Power
W
Rated
Cur.
A
Locked
Cur.
A
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
kg
M³/Min. CFM
MM
INCH
UF15AC12 -__H
115
60
28
0.23
0.38
3,400
6.0
212
19.0
0.75
58
0.72
UF15AC23 -__H
230
60
26
0.11
0.18
3,400
6.0
212
19.0
0.75
58
0.72
UF15AC12 -__L
115
60
28
0.15
0.20
1,700
2.9
103
6.5
0.26
44
0.72
UF15AC23 -__L
230
60
26
0.07
0.10
1,700
2.9
103
6.5
0.26
44
0.72
12.15.14


Numéro de pièce similaire - UF15AC23-__L

FabricantNo de pièceFiches techniqueDescription
logo
Mechatronics, Inc.
UF15AC23-XXL MECHATRONICS-UF15AC23-XXL Datasheet
452Kb / 1P
   AC AXIAL FANS
More results

Description similaire - UF15AC23-__L

FabricantNo de pièceFiches techniqueDescription
logo
ETRI
125XL0282010 ETRI-125XL0282010_15 Datasheet
258Kb / 1P
   AC Axial Fans
125XR5182002 ETRI-125XR5182002_11 Datasheet
166Kb / 1P
   AC Axial Fans
125XL0182001 ETRI-125XL0182001 Datasheet
185Kb / 1P
   AC Axial Fans
113XN0182000 ETRI-113XN0182000_15 Datasheet
1Mb / 1P
   AC Axial Fans
113XN0181000 ETRI-113XN0181000_12 Datasheet
162Kb / 1P
   AC Axial Fans
99XM0182001 ETRI-99XM0182001 Datasheet
189Kb / 1P
   AC Axial Fans
98XC0182000 ETRI-98XC0182000_1 Datasheet
182Kb / 1P
   AC Axial Fans
99XM0182000 ETRI-99XM0182000 Datasheet
216Kb / 1P
   AC Axial Fans
113XN0182000 ETRI-113XN0182000 Datasheet
155Kb / 1P
   AC Axial Fans
126LH0181000 ETRI-126LH0181000 Datasheet
172Kb / 1P
   AC Axial Fans
logo
ebm-papst
4850Z EBMPAPST-4850Z_17 Datasheet
134Kb / 1P
   AC axial fans
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com