Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL5001G-D08-T Fiches technique(PDF) 3 Page - Unisonic Technologies

No de pièce TL5001G-D08-T
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUIT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL5001G-D08-T Fiches technique(HTML) 3 Page - Unisonic Technologies

  TL5001G-D08-T Datasheet HTML 1Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 2Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 3Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 4Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 5Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 6Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 7Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 8Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TL5001
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 13
www.unisonic.com.tw
QW-R103-016.E
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage (Note 1)
VCC
41
V
Amplifier Input Voltage
VI(FB)
20
V
Output Voltage
VOUT
51
V
Output Current
IOUT
21
mA
Output Peak Current
IO(PEAK)
100
mA
Continuous Total Power Dissipation
See dissipation rating table
Operating Ambient Temperature Range
TOPR
-20 ~ +85
C
Storage Temperature Range
TSTG
-65 ~ +150
C
Note: 1. All voltage values are with respect to the network ground terminal.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
DISSIPATION RATING TABLE
PACKAGE
TA≤25C
POWER RATING
DERATING FACTOR
ABOVE TA=25C
TA=70C
POWER RATING
TA=70C
POWER RATING
TA=70C
POWER RATING
DIP-8
1000mW
8.0mW/
C
640mW
520mW
200mW
SOP-8
725mW
5.8mW/
C
464mW
377mW
145mW
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
MAX
UNIT
Supply Voltage
VCC
3.6
40
V
Amplifier Input Voltage
VI(FB)
0
1.5
V
Output Voltage
VOUT
50
V
Output Current
IOUT
20
mA
COMP Source Current
45
μA
COMP dc Load Resistance
100
kΩ
Oscillator Timing resistor
RT
15
250
kΩ
Oscillator Frequency
fOSC
20
500
kHz
Operating Ambient Temperature Range
TA
-20
85
C


Numéro de pièce similaire - TL5001G-D08-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
TL5001G-D08-T UTC-TL5001G-D08-T Datasheet
312Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Description similaire - TL5001G-D08-T

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL594 TI-TL594_07 Datasheet
642Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_10 Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
logo
Texas Instruments
TL5002 TI-TL5002 Datasheet
233Kb / 14P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
KODENSHI_AUK CORP.
KK494A KODENSHI-KK494A Datasheet
464Kb / 5P
   Pulse-Width-Modulation Control Circuit
logo
Unisonic Technologies
TL594 UTC-TL594_09 Datasheet
335Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 UTC-TL594 Datasheet
281Kb / 8P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 UTC-TL594_15 Datasheet
380Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com