Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS8268090SIPT Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS8268090SIPT
Description  TPS8268x 1600-mA High-Efficiency MicroSiP Step-Down Converter Module
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS8268090SIPT Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS8268090SIPT Datasheet HTML 7Page - Texas Instruments TPS8268090SIPT Datasheet HTML 8Page - Texas Instruments TPS8268090SIPT Datasheet HTML 9Page - Texas Instruments TPS8268090SIPT Datasheet HTML 10Page - Texas Instruments TPS8268090SIPT Datasheet HTML 11Page - Texas Instruments TPS8268090SIPT Datasheet HTML 12Page - Texas Instruments TPS8268090SIPT Datasheet HTML 13Page - Texas Instruments TPS8268090SIPT Datasheet HTML 14Page - Texas Instruments TPS8268090SIPT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
TPS8268180, TPS8268150, TPS8268120, TPS8268105, TPS8268090
www.ti.com
SLVSBR0C – OCTOBER 2014 – REVISED JUNE 2015
Feature Description (continued)
During soft start, the current limit is reduced to 2/3 of its nominal value. The maximum load current during soft
start should be less than 1A. Once the internal reference voltage has reached 90% of its target value, the current
limit is set to its nominal target value.
8.3.2 Undervoltage Lockout
The undervoltage lockout circuit prevents the device from misoperation at low input voltages. It prevents the
converter from turning on either MOSFET under undefined conditions. The TPS8268x has a rising UVLO
threshold of 2.1V (typical).
8.3.3 Short-Circuit Protection
The TPS8268x integrates current limit circuitry to protect the device against heavy load or short circuits. When
the average current in the high-side MOSFET reaches its current limit, the high-side MOSFET is turned off and
the low-side MOSFET is turned on ramping down the inductor current.
As soon as the converter detects a short circuit condition, it shuts down. After a delay of approximately 20 µs, the
converter restarts. In case the short circuit condition remains, the converter shuts down again after hitting the
current limit threshold. In case the short circuit condition remains present on the converters output, the converter
periodically re-starts with a small duty cycle and shuts down again, thereby limiting the current drawn from the
input.
8.3.4 Thermal Shutdown
As soon as the junction temperature, TJ, exceeds typically 140°C, the device goes into thermal shutdown. In this
mode, the power stage is turned off. The device continues its operation when the junction temperature falls
below typically 130°C.
8.3.5 Enable
The TPS8268x device starts operation when EN is set high. For proper operation, the EN pin must be terminated
and must not be left floating.
Pulling the EN pin low forces the device into shutdown, with a shutdown current of typically 0.5
μA. In this mode,
the internal high-side and low-side MOSFETs are turned off, the internal resistor feedback divider is
disconnected, and the entire internal control circuitry is switched off. The TPS8268x device actively discharges
the output capacitor when it turns off. The integrated discharge resistor has a typical resistance of 12
Ω. This
internal discharge transistor is only turned on after the device had been enabled at least once. The required time
to discharge the output capacitor at the output node depends on load current and the effective output
capacitance.
The TPS8268x is designed such that it can start into a pre-biased output, in case the output discharge circuit
was active for too short a time to fully discharge the output capacitor. In this case, the converter starts switching
as soon as the internal reference has approximately reached the equivalent voltage to the output voltage
present. It then ramps the output from that voltage level to its target value.
8.3.6 MODE Pin
This pin must be tied to the input voltage VIN and must not be left floating.
8.4 Device Functional Modes
8.4.1 Spread Spectrum, PWM Frequency Dithering
The goal is to spread out the emitted RF energy over a larger frequency range, so that the resulting EMI is
similar to white noise. The end result is a spectrum that is continuous and lower in peak amplitude, making it
easier to comply with electromagnetic interference (EMI) standards and with power supply ripple requirements in
cellular and non-cellular wireless applications. Radio receivers are typically susceptible to narrowband noise that
is focused on specific frequencies.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS8268180 TPS8268150 TPS8268120 TPS8268105 TPS8268090


Numéro de pièce similaire - TPS8268090SIPT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82670SIP TI1-TPS82670SIP Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
More results

Description similaire - TPS8268090SIPT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com