Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS8268150 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS8268150
Description  TPS8268x 1600-mA High-Efficiency MicroSiP Step-Down Converter Module
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS8268150 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS8268150 Datasheet HTML 3Page - Texas Instruments TPS8268150 Datasheet HTML 4Page - Texas Instruments TPS8268150 Datasheet HTML 5Page - Texas Instruments TPS8268150 Datasheet HTML 6Page - Texas Instruments TPS8268150 Datasheet HTML 7Page - Texas Instruments TPS8268150 Datasheet HTML 8Page - Texas Instruments TPS8268150 Datasheet HTML 9Page - Texas Instruments TPS8268150 Datasheet HTML 10Page - Texas Instruments TPS8268150 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
Iout (A)
2.5 V
3 V
3.6 V
4.2 V
5 V
C005
1.164
1.176
1.188
1.200
1.212
1.224
1.236
0.0001
0.001
0.01
0.1
1
Iout (A)
2.5 V
3 V
3.6 V
4.2 V
5 V
C008
0
1
2
3
4
5
6
7
8
0.01
0.1
1
Iout (A)
3 V
3.5 V
4 V
5 V
C019
1.455
1.470
1.485
1.500
1.515
1.530
1.545
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Vin (V)
1 mA
316 mA
501 mA
1 A
1.58 A
C003
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
Iout (A)
2.5 V
3 V
3.6 V
4.2 V
5 V
C001
1.455
1.470
1.485
1.500
1.515
1.530
1.545
0.0001
0.001
0.01
0.1
1
Iout (A)
2.5 V
3 V
3.6 V
4.2 V
5 V
C002
TPS8268180, TPS8268150, TPS8268120, TPS8268105, TPS8268090
www.ti.com
SLVSBR0C – OCTOBER 2014 – REVISED JUNE 2015
Typical Characteristics (continued)
VOUT = 1.50V
25°C
VOUT = 1.50 V
25°C
Figure 5. Efficiency vs Output Current
Figure 6. Output Voltage vs Output Current
VOUT = 1.50 V
25°C
VOUT = 1.50 V
25°C
Figure 7. Output Voltage vs Input Voltage
Figure 8. Switching Frequency vs Output Current
VOUT = 1.20V
25°C
VOUT = 1.20 V
25°C
Figure 9. Efficiency vs Output Current
Figure 10. Output Voltage vs Output Current
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS8268180 TPS8268150 TPS8268120 TPS8268105 TPS8268090


Numéro de pièce similaire - TPS8268150

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82670SIP TI1-TPS82670SIP Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
More results

Description similaire - TPS8268150

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com