Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS82085 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS82085
Description  TPS82085 3-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS82085 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS82085 Datasheet HTML 6Page - Texas Instruments TPS82085 Datasheet HTML 7Page - Texas Instruments TPS82085 Datasheet HTML 8Page - Texas Instruments TPS82085 Datasheet HTML 9Page - Texas Instruments TPS82085 Datasheet HTML 10Page - Texas Instruments TPS82085 Datasheet HTML 11Page - Texas Instruments TPS82085 Datasheet HTML 12Page - Texas Instruments TPS82085 Datasheet HTML 13Page - Texas Instruments TPS82085 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
TPS82085
2.5V to 6V
R1
80.6k
R2
162k
V
IN
POWER GOOD
VOUT
FB
VIN
GND
EN
PG
C2
22µF
R3
499k
V
OUT
1.2V/3A
C1
10µF
TPS82085
SLVSCN4B – OCTOBER 2014 – REVISED AUGUST 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TPS82085 is a synchronous step-down converter power module whose output voltage is adjusted by
component selection. The following section discusses the design of the external components to complete the
power supply design for several input and output voltage options by using typical applications as a reference.
8.2 Typical Applications
8.2.1
1.2-V Output Application
Figure 4. 1.2-V Output Application
8.2.1.1 Design Requirements
For this design example, use the input parameters shown in Table 1.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
2.5 V to 6 V
Output voltage
1.2 V
Output ripple voltage
< 20 mV
Output current rating
3 A
Table 2 lists the components used for the example.
Table 2. List of Components
REFERENCE
DESCRIPTION
MANUFACTURER
C1
10µF, Ceramic Capacitor, 10V, X7R, size 0805, GRM21BR71A106KE51
Murata
22µF, Ceramic Capacitor, 6.3V, X7R, size 0805, CL21B226MQQNNNE
Samsung
C2
or
or
22µF, Ceramic Capacitor, 6.3V, X7S, size 0805, C2012X7S1A226M125AC
TDK
R1
Depending on the output voltage, 1% accuracy
Std
R2
162k
Ω, 1% accuracy
Std
R3
499k
Ω, 1% accuracy
Std
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPS82085


Numéro de pièce similaire - TPS82085

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS82084 TI-TPS82084 Datasheet
1Mb / 25P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
TPS82084SILR TI-TPS82084SILR Datasheet
1Mb / 25P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
TPS82084SILT TI-TPS82084SILT Datasheet
1Mb / 25P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
TPS82084 TI-TPS82084_15 Datasheet
810Kb / 23P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
TPS82084 TI-TPS82084_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
More results

Description similaire - TPS82085

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS82084 TI-TPS82084_15 Datasheet
810Kb / 23P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
TPS82084 TI-TPS82084_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPSM82823 TI-TPSM82823 Datasheet
4Mb / 44P
[Old version datasheet]   TPSM8282x 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI-TPSM82822_V04 Datasheet
3Mb / 39P
[Old version datasheet]   TPSM8282x 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82823 TI-TPSM82823_V01 Datasheet
6Mb / 54P
[Old version datasheet]   TPSM8282x, TPSM8282xA 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
NOVEMBER 2021
TPSM82822 TI1-TPSM82822_V02 Datasheet
1Mb / 28P
[Old version datasheet]   TPSM8282x 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI1-TPSM82822_V01 Datasheet
1Mb / 28P
[Old version datasheet]   TPSM8282x 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI1-TPSM82822 Datasheet
1Mb / 24P
[Old version datasheet]   TPSM82822 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI1-TPSM82822_V03 Datasheet
1Mb / 28P
[Old version datasheet]   TPSM8282x 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com