Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS82085 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS82085
Description  TPS82085 3-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS82085 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS82085 Datasheet HTML 4Page - Texas Instruments TPS82085 Datasheet HTML 5Page - Texas Instruments TPS82085 Datasheet HTML 6Page - Texas Instruments TPS82085 Datasheet HTML 7Page - Texas Instruments TPS82085 Datasheet HTML 8Page - Texas Instruments TPS82085 Datasheet HTML 9Page - Texas Instruments TPS82085 Datasheet HTML 10Page - Texas Instruments TPS82085 Datasheet HTML 11Page - Texas Instruments TPS82085 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
L
V
V
V
V
t
I
2
f
OUT
IN
OUT
IN
2
ON
OUT
PFM
-
´
´
´
=
TPS82085
SLVSCN4B – OCTOBER 2014 – REVISED AUGUST 2015
www.ti.com
Feature Description (continued)
(3)
In PSM, the output voltage rises slightly above the nominal output voltage in PWM mode. This effect is reduced
by increasing the output capacitance. The output voltage accuracy in PSM operation is reflected in the electrical
specification table and given for a 22-µF output capacitor.
7.3.2 Low Dropout Operation (100% Duty Cycle)
The device offers a low input to output voltage differential by entering 100% duty cycle mode. In this mode, the
high-side MOSFET switch is constantly turned on. This is particularly useful in battery powered applications to
achieve longest operation time by taking full advantage of the whole battery voltage range. The minimum input
voltage to maintain a minimum output voltage is given by:
VIN(min) = VOUT(min) + IOUT x RDP
(4)
Where
RDP = Resistance from VIN to VOUT, including high-side FET on-resistance and DC resistance of the inductor.
VOUT(min) = Minimum output voltage the load can accept.
7.3.3 Soft Startup
The TPS82085 has an internal soft start circuit which ramps up the output voltage to the nominal voltage during
a soft start time of typically 0.8ms. This avoids excessive inrush current and creates a smooth output voltage
slope. It also prevents excessive voltage drops of primary cells and rechargeable batteries with high internal
impedance. The device is able to monotonically start into a pre-biased output capacitor. The device starts with
the applied bias voltage and ramps the output voltage to its nominal value.
7.3.4 Switch Current Limit and Short Circuit Protection (Hiccup-Mode)
The switch current limit prevents the device from high inductor current and from drawing excessive current from
the battery or input voltage rail. Excessive current might occur with a heavy load/shorted output circuit condition.
If the inductor peak current reaches the switch current limit, the high-side FET is turned off and the low-side FET
is turned on to ramp down the inductor current. Once this switch current limits is triggered 32 times, the devices
stop switching and enables the output discharge. The devices then automatically start a new startup after a
typical delay time of 66
μs has passed. This is named HICCUP short circuit protection. The devices repeat this
mode until the high load condition disappears.
7.3.5 Undervoltage Lockout
To avoid mis-operation of the device at low input voltages, an under voltage lockout is implemented, which shuts
down the devices at voltages lower than VUVLO with a hysteresis of 200 mV.
7.3.6 Thermal Shutdown
The device goes into thermal shutdown and stops switching once the junction temperature exceeds TJSD. Once
the device temperature falls below the threshold by 20°C, the device returns to normal operation automatically.
8
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPS82085


Numéro de pièce similaire - TPS82085

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS82084 TI-TPS82084 Datasheet
1Mb / 25P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
TPS82084SILR TI-TPS82084SILR Datasheet
1Mb / 25P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
TPS82084SILT TI-TPS82084SILT Datasheet
1Mb / 25P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
TPS82084 TI-TPS82084_15 Datasheet
810Kb / 23P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
TPS82084 TI-TPS82084_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
More results

Description similaire - TPS82085

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS82084 TI-TPS82084_15 Datasheet
810Kb / 23P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
TPS82084 TI-TPS82084_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPSM82823 TI-TPSM82823 Datasheet
4Mb / 44P
[Old version datasheet]   TPSM8282x 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI-TPSM82822_V04 Datasheet
3Mb / 39P
[Old version datasheet]   TPSM8282x 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82823 TI-TPSM82823_V01 Datasheet
6Mb / 54P
[Old version datasheet]   TPSM8282x, TPSM8282xA 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
NOVEMBER 2021
TPSM82822 TI1-TPSM82822_V02 Datasheet
1Mb / 28P
[Old version datasheet]   TPSM8282x 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI1-TPSM82822_V01 Datasheet
1Mb / 28P
[Old version datasheet]   TPSM8282x 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI1-TPSM82822 Datasheet
1Mb / 24P
[Old version datasheet]   TPSM82822 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI1-TPSM82822_V03 Datasheet
1Mb / 28P
[Old version datasheet]   TPSM8282x 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com