Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3262 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce LM3262
Description  LM3262 6MHz, 800 mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM3262 Fiches technique(HTML) 5 Page - Texas Instruments

  LM3262_15 Datasheet HTML 1Page - Texas Instruments LM3262_15 Datasheet HTML 2Page - Texas Instruments LM3262_15 Datasheet HTML 3Page - Texas Instruments LM3262_15 Datasheet HTML 4Page - Texas Instruments LM3262_15 Datasheet HTML 5Page - Texas Instruments LM3262_15 Datasheet HTML 6Page - Texas Instruments LM3262_15 Datasheet HTML 7Page - Texas Instruments LM3262_15 Datasheet HTML 8Page - Texas Instruments LM3262_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
LM3262
www.ti.com
SNVS875N – AUGUST 2012 – REVISED MARCH 2013
SYSTEM CHARACTERISTICS
The following spec table entries are specified by design and verifications providing the component values in the Typical
Application Circuit are used. These parameters are not verified by production testing. Min and Max values apply over the
full operating ambient temperature range (
−30°C ≤ TA ≤ 90°C) and over the VIN range = 2.5V to 5.5V unless otherwise
specified. L = 0.5 µH, DCR = 50 m
Ω, CIN = 10 µF, 6.3V, 0402(1005), COUT = 4.7 µF, 6.3V, 0402 (1005). For bench evaluation,
see
(1).
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOUT rise time
VIN = 3.7V, VOUT = 1.4V to 3.4V
5
VCON change to 90%
0.1 µs < VCON_TR < 1 µs, RL = 12Ω
TVCON_TR
µs
VOUT fall time
VIN = 3.7V, VOUT = 3.4V to 1.4V
5
VCON change to 10%
0.1 µs < VCON_TF < 1 µs, RL = 12Ω
D
Maximum Duty cycle
100
%
2.5V
≤ VIN ≤ 5.5V
800
2.5 x VCON
≤ VIN – 285 mV
Maximum output current
IOUT
mA
capability
2.5V
≤ VIN ≤ 5.5V
1000
2.5 x VCON
≥ VIN – 165 mV, Bypass mode
VOUT
−3
+3
%
VCON range 0.16V to 1.44V
0mA
≤ IOUT ≤ 800 mA
(2)
Linearity
−50
+50
mV
Turn-on time (time for output
EN = Low to High
to reach 95% final value
TON
VIN = 4.2V, VOUT = 3.4V
50
µs
after Enable low-to-high
IOUT = < 1mA, COUT = 4.7 µF
transition)
Auto Bypass Detect
TBP, NEG
Negative Threshold Delay
(3)
10
Time
µs
TBP, POS
Auto Bypass Detect Positive
(4)
0.1
Threshold Delay Time
VIN = 3.8V, VOUT = 0.8V
71
IOUT = 10 mA, ECO mode
VIN = 3.8V, VOUT = 2.5V
η
Efficiency
92
%
IOUT = 200 mA, PWM mode
VIN = 3.8V, VOUT = 3.4V
93
IOUT = 500 mA, PWM mode
VIN = 3.6V to 4.2V, TR = TF = 10 µs,
LINE TR
Line transient response
50
IOUT = 100 mA, VOUT = 0.8V
mVpk
VIN = 3.1/3.6/4.5V, VOUT = 0.8V,
LOAD TR
Load transient response
IOUT = 50 mA to 150 mA
50
TR = TF = 1.0 µs
(1)
When the LM3262 is being evaluated apart from a normal system design or on a PCB other than the TI LM3262 evaluation module,
user should ensure that a 50 to 100 µF ceramic input capacitor is added to the PCB to keep input voltage from sagging during rapid
load transitions.
(2)
Linearity limits are ±3% or ±50 mV, whichever is larger. VOUT is monotonic in nature with respect to VCON input.
(3)
Entering Bypass Mode, VIN is compared to the programmed output voltage (2.5 x VCON). When VIN−(2.5 x VCON) falls below VBP,NEG
longer than TBP,NEG, the Bypass FET turns on, and the switching FET turns on.
(4)
Bypass Mode is exited when VIN−(2.5 x VCON) exceeds VBP,POS longer than TBP,POS, and PWM mode resumes. The hysteresis for the
bypass detection threshold VBP,POS − VBP,NEG will always be positive and will be approximately 50 mV.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3262


Numéro de pièce similaire - LM3262_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3262 TI1-LM3262_16 Datasheet
2Mb / 41P
[Old version datasheet]   Adjustable, Step-Down DC-DC Converter With Auto Bypass
More results

Description similaire - LM3262_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
LM3242 TI-LM3242_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM3242 6-MHz, 750-mA Miniature Adjustable Step-Down DC-DC Converter With Auto Bypass for RF Power Amplifiers
REVISED AUGUST 2015
logo
National Semiconductor ...
LM3200 NSC-LM3200_05 Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3241 TI1-LM3241_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM3241 6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
REVISED APRIL 2013
LM3204 TI-LM3204_15 Datasheet
903Kb / 24P
[Old version datasheet]   LM3204 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3200 TI-LM3200_15 Datasheet
937Kb / 24P
[Old version datasheet]   LM3200 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3218 NSC-LM3218 Datasheet
4Mb / 16P
   650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com