Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MAX6061 Fiches technique(PDF) 6 Page - Maxim Integrated Products

No de pièce MAX6061
Description  Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6061 Fiches technique(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6061 Datasheet HTML 2Page - Maxim Integrated Products MAX6061 Datasheet HTML 3Page - Maxim Integrated Products MAX6061 Datasheet HTML 4Page - Maxim Integrated Products MAX6061 Datasheet HTML 5Page - Maxim Integrated Products MAX6061 Datasheet HTML 6Page - Maxim Integrated Products MAX6061 Datasheet HTML 7Page - Maxim Integrated Products MAX6061 Datasheet HTML 8Page - Maxim Integrated Products MAX6061 Datasheet HTML 9Page - Maxim Integrated Products MAX6061 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Precision, Micropower, Low-Dropout,
High-Output-Current, SOT23 Voltage References
6
_______________________________________________________________________________________
Output Voltage
ELECTRICAL CHARACTERISTICS—MAX6063, VOUT = 3.0V
(VIN = +5V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
UNITS
MIN
TYP
MAX
CONDITIONS
SYMBOL
PARAMETER
Output Voltage
VOUT
TA = +25°C
MAX6063A (0.2%)
MAX6063B (0.4%)
2.994
3.000
3.006
2.988
3.000
3.012
V
ppm/°C
620
630
MAX6063A
MAX6063B
TCVOUT
Output Voltage Temperature
Coefficient (Note 2)
Line Regulation
∆VOUT/
∆VIN
(VOUT + 0.2V)
≤ VIN ≤ 12.6V
90
400
µV/V
mV/mA
0.5
0.9
2.0
6.0
Sourcing: 0
≤ IOUT ≤ 5mA
Sinking: -2mA
≤ IOUT ≤ 0
∆VOUT/
∆IOUT
Load Regulation
Dropout Voltage (Note 4)
VIN -
VOUT
IOUT = 1mA
50
200
mV
mA
25
25
Short to GND
Short to IN
ISC
OUT Short-Circuit Current
Long-Term Stability
∆VOUT/
time
1000hr at +25°C
62
ppm/
1000hr
ppm
130
∆VOUT/
cycle
Output Voltage Hysteresis
(Note 3)
µVp-p
35
f = 0.1Hz to 10Hz
eOUT
Noise Voltage
f = 10Hz to 10kHz
40
µVRMS
dB
76
VIN = 5V ±100mV, f = 120Hz
∆VOUT/
∆VIN
Ripple Rejection
Turn-On Settling Time
tR
To VOUT = 0.1% of final value, COUT = 50pF
115
µs
V
VOUT + 0.2
12.6
Guaranteed by line-regulation test
VIN
Supply Voltage Range
Quiescent Supply Current
IIN
90
125
µA
µA/V
3.4
8.0
(VOUT + 0.2V)
≤ VIN ≤ 12.6V
IIN/VIN
Change in Supply Current
INPUT CHARACTERISTICS
DYNAMIC CHARACTERISTICS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn