Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MAX6061 Fiches technique(PDF) 1 Page - Maxim Integrated Products

No de pièce MAX6061
Description  Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6061 Fiches technique(HTML) 1 Page - Maxim Integrated Products

  MAX6061 Datasheet HTML 1Page - Maxim Integrated Products MAX6061 Datasheet HTML 2Page - Maxim Integrated Products MAX6061 Datasheet HTML 3Page - Maxim Integrated Products MAX6061 Datasheet HTML 4Page - Maxim Integrated Products MAX6061 Datasheet HTML 5Page - Maxim Integrated Products MAX6061 Datasheet HTML 6Page - Maxim Integrated Products MAX6061 Datasheet HTML 7Page - Maxim Integrated Products MAX6061 Datasheet HTML 8Page - Maxim Integrated Products MAX6061 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX6061–MAX6068 are precision, low-dropout,
micropower voltage references. These three-terminal
devices are available with output voltage options of
1.25V, 1.8V, 2.048V, 2.5V, 3V, 4.096V, 4.5V, and 5V.
They feature a proprietary curvature-correction circuit
and laser-trimmed thin-film resistors that result in a very
low temperature coefficient of 20ppm/°C (max) and an
initial accuracy of ±0.2% (max). Specifications apply to
the extended temperature range (-40°C to +85°C).
The MAX6061–MAX6068 typically draw only 90µA of
supply current and can source 5mA or sink 2mA of load
current. Unlike conventional shunt-mode (two-terminal)
references that waste supply current and require an
external resistor, these devices offer a supply current
that is virtually independent of the supply voltage
(8µA/V variation) and do not require an external resis-
tor. Additionally, the internally compensated devices do
not require an external compensation capacitor.
Eliminating the external compensation capacitor saves
valuable board area in space-critical applications. Low
dropout voltage and supply independent, ultra-low sup-
ply current make these devices ideal for battery-operat-
ed, high-performance, low-voltage systems.
The MAX6061–MAX6068 are available in a 3-pin SOT23
package.
Applications
Analog-to-Digital Converters (ADCs)
Portable Battery-Powered Systems
Notebook Computers
PDAs, GPSs, DMMs
Cellular Phones
Precision 3V/5V Systems
Features
o Ultra-Small 3-Pin SOT23 Package
o ±0.2% (max) Initial Accuracy
o 20ppm/°C (max) Temperature Coefficient
o 5mA Source Current
o 2mA Sink Current
o No Output Capacitor Required
o Stable with Capacitive Loads
o 90µA (typ) Quiescent Supply Current
o 200mV (max) Dropout at 1mA Load Current
o Output Voltage Options: 1.25V, 1.8V, 2.048V, 2.5V,
3V, 4.096V, 4.5V, 5V
o 13µVp-p Noise 0.1Hz to 10Hz (MAX6061)
Precision, Micropower, Low-Dropout,
High-Output-Current, SOT23 Voltage References
________________________________________________________________ Maxim Integrated Products
1
OUT
1
3
GND
IN
MAX6061–
MAX6068
SOT23-3
TOP VIEW
2
19-1659; Rev 1; 4/01
Ordering Information
Pin Configuration
Selector Guide
Note: There is a minimum order increment of 2500 pieces for
SOT23 packages.
Typical Operating Circuit appears at end of data sheet.
PART
OUTPUT
VOLTAGE (V)
INPUT VOLTAGE (V)
MAX6061
1.248
2.5 to 12.6
MAX6062
2.048
2.5 to 12.6
MAX6066
2.500
(VOUT + 200mV) to 12.6
MAX6063
3.000
(VOUT + 200mV) to 12.6
MAX6064
4.096
(VOUT + 200mV) to 12.6
MAX6067
4.500
(VOUT + 200mV) to 12.6
MAX6065
5.000
(VOUT + 200mV) to 12.6
MAX6068
1.800
2.5 to 12.6
PART
TEMP. RANGE
PIN-
PACKAGE
TOP
MARK
MAX6061AEUR-T -40°C to +85°C
3 SOT23-3
FZFP
MAX6061BEUR-T
-40°C to +85°C
3 SOT23-3
FZFQ
MAX6062AEUR-T -40°C to +85°C
3 SOT23-3
FZFY
MAX6062BEUR-T
-40°C to +85°C
3 SOT23-3
FZFZ
MAX6063AEUR-T -40°C to +85°C
3 SOT23-3
FZFV
MAX6063BEUR-T
-40°C to +85°C
3 SOT23-3
FZFW
MAX6064AEUR-T -40°C to +85°C
3 SOT23-3
FZGB
MAX6064BEUR-T
-40°C to +85°C
3 SOT23-3
FZGC
MAX6065AEUR-T -40°C to +85°C
3 SOT23-3
FZGE
MAX6065BEUR-T
-40°C to +85°C
3 SOT23-3
FZGF
MAX6066AEUR-T -40°C to +85°C
3 SOT23-3
FZFM
MAX6066BEUR-T
-40°C to +85°C
3 SOT23-3
FZFN
Ordering Information continued at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn