Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX5918 Fiches technique(PDF) 3 Page - Maxim Integrated Products

No de pièce MAX5918
Description  Low-Voltage, Dual Hot-Swap Controllers with Independent ON/OFF Control
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5918 Fiches technique(HTML) 3 Page - Maxim Integrated Products

  MAX5918 Datasheet HTML 1Page - Maxim Integrated Products MAX5918 Datasheet HTML 2Page - Maxim Integrated Products MAX5918 Datasheet HTML 3Page - Maxim Integrated Products MAX5918 Datasheet HTML 4Page - Maxim Integrated Products MAX5918 Datasheet HTML 5Page - Maxim Integrated Products MAX5918 Datasheet HTML 6Page - Maxim Integrated Products MAX5918 Datasheet HTML 7Page - Maxim Integrated Products MAX5918 Datasheet HTML 8Page - Maxim Integrated Products MAX5918 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Low-Voltage, Dual Hot-Swap Controllers with
Independent ON/OFF Control
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN_ = +1V to +13.2V provided at least one supply is higher than +2.7V, VON1 = VON2 = +2.7V, TA = -40°C to +85°C, unless other-
wise noted. Typical values are at VIN1 = +5V, VIN2 = +3.3V, and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VON_ < 4.5V
0.03
VON_ > 4.5V
100
ON Input Bias Current
IBON
VIN1 = VIN2 = +13.2V
VON_ = 4.5V
0.03
1
µA
ON Pulse Width Low
tUNLATCH
To unlatch after a latched fault
100
µs
DIGITAL OUTPUT (PGOOD_)
Output Leakage Current
VPGOOD_ = 13.2V
1
µA
Output Voltage Low
VOL
ISINK = 1mA
0.4
V
PGOOD_ Delay
tPGDLY
After tSTART, MON_ = VIN_
0.75
ms
OUTPUT VOLTAGE MONITORS (MON1, MON2)
Overvoltage
657
687
707
MON_ Trip Threshold
VMON
Undervoltage
513
543
563
mV
MON_ Glitch Filter
20
µs
MON_ Input Bias Current
VMON_ = 600mV
0.03
µA
UNDERVOLTAGE LOCKOUT (UVLO)
Startup is initiated when this threshold is
reached by VIN1 or VIN2, VON_ > 0.875V
2.10
2.4
2.67
V
UVLO Threshold
VUVLO
Hysteresis
100
mV
UVLO Glitch Filter Reset Time
VIN_ toggled below UVLO to unlatch after a
fault
100
µs
UVLO to Startup Delay
tD,UVLO
VIN_ step from 0 to 2.8V
20
37.5
60
ms
SHUTDOWN LATCH/RESTART
Autoretry Delay
tRETRY
Delay time to restart after fault shutdown
64 x tSTART
ms
Note 1: All devices are 100% tested at TA = +25°C and TA = +85°C. Limits at TA = -40°C are guaranteed by design.
Note 2: The MAX5918/MAX5919 slow-comparator threshold is adjustable. VSC,TH = RLIM 0.25µA + 25mV (see the Typical
Operating Characteristics).
Note 3: The current-limit slow-comparator response time is weighted against the amount of overcurrent, the higher the overcurrent
condition, the faster the response time (see the Typical Operating Characteristics).
Note 4: The startup period (tSTART) is the time during which the slow comparator is ignored and the device acts as a current-limiter
by regulating the sense current with the fast comparator (see the Startup Period section).
Note 5: The current available at GATE is a function of VGATE (see the Typical Operating Characteristics).


Numéro de pièce similaire - MAX5918

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX5910 MAXIM-MAX5910 Datasheet
273Kb / 11P
   65V Simple Swapper Hot-Swap Switches
19-1706; Rev 0; 7/01
MAX5910ESA MAXIM-MAX5910ESA Datasheet
273Kb / 11P
   65V Simple Swapper Hot-Swap Switches
19-1706; Rev 0; 7/01
MAX5911 MAXIM-MAX5911 Datasheet
417Kb / 8P
   -48V Simple Swapper Hot-Swap Switches
19-1832; Rev 0a; 1/01
MAX5911ESA MAXIM-MAX5911ESA Datasheet
417Kb / 8P
   -48V Simple Swapper Hot-Swap Switches
19-1832; Rev 0a; 1/01
MAX5911EVKIT MAXIM-MAX5911EVKIT Datasheet
1Mb / 7P
   Provides Safe Hot Swap for -16V to -65V Power Supplies
Rev 0; 3/13
More results

Description similaire - MAX5918

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX5955 MAXIM-MAX5955 Datasheet
360Kb / 15P
   Low-Voltage, Dual Hot-Swap Controllers with Independent On/Off Control
19-3813; Rev 0; 9/05
logo
Texas Instruments
TPS2320IDRG4 TI-TPS2320IDRG4 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320IPW TI-TPS2320IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321IPW TI-TPS2321IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-2 LINER-LTC1647-2_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
logo
Maxim Integrated Produc...
MAX5904 MAXIM-MAX5904 Datasheet
526Kb / 22P
   Low-Voltage, Dual Hot-Swap Controllers/Power Sequencers
19-2238; Rev 2; 11/03
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1 Datasheet
249Kb / 20P
   Dual Hot Swap Controllers
logo
Maxim Integrated Produc...
MAX5904 MAXIM-MAX5904_V01 Datasheet
634Kb / 24P
   Low-Voltage, Dual Hot-Swap Controllers/Power Sequencers
2005
logo
Linear Technology
LTC1647-3 LINER-LTC1647-3_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com